Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E143 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10E143
Description  9-BIT HOLD REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E143 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10E143 Datasheet HTML 1Page - ON Semiconductor MC10E143 Datasheet HTML 2Page - ON Semiconductor MC10E143 Datasheet HTML 3Page - ON Semiconductor MC10E143 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2
D3
D4
VCCO Q0
Q1
Q2
VCCO
D5
D6
D7
D8
SEL
MR
CLK1
CLK2
VEE
NC
D0
D1
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
Q8
Q7
Q6
VCC
Q5
VCCO
Q4
Q3
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MUX
MUX
MUX
MUX
LOGIC DIAGRAM
D0
D1
D2
D3
D8
SEL
CLK1
CLK2
MR
Q0
Q1
Q2
Q3
Q8
MUX
D
R
D
D
D
D
R
R
R
R
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
9Bit Hold Register
The MC10E/100E143 is a 9-bit holding register, designed with
byte-parity applications in mind. The E143 holds current data or loads
new data, with the nine inputs D0 – D8 accepting parallel input data.
700MHz Min. Operating Frequency
9-Bit for Byte-Parity Applications
Asynchronous Master Reset
Dual Clocks
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
The SEL (Select) input pin is used to switch between the two modes of
operation — HOLD and LOAD. Input data is accepted by the registers a
set-up time before the positive going edge of CLK1 or CLK2. A HIGH on
the Master Reset pin (MR) asynchronously resets all the registers to zero.
PIN NAMES
Pin
Function
D0 – D8
Parallel Data Inputs
SEL
Mode Select Input
CLK1, CLK2
Clock Inputs
MR
Master Reset
Q0 – Q8
Data Outputs
NC
No Connection
FUNCTIONS
SEL
Mode
L
H
Load
Hold
MC10E143
MC100E143
9-BIT HOLD
REGISTER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Numéro de pièce similaire - MC10E143

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10E143FN ONSEMI-MC10E143FN Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143FNG ONSEMI-MC10E143FNG Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143FNR2 ONSEMI-MC10E143FNR2 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
More results

Description similaire - MC10E143

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143 Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
SY10E143 MICREL-SY10E143_06 Datasheet
62Kb / 4P
   9-BIT HOLD REGISTER
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com