Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100E131 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100E131
Description  4-BIT D FLIP-FLOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E131 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100E131 Datasheet HTML 1Page - ON Semiconductor MC100E131 Datasheet HTML 2Page - ON Semiconductor MC100E131 Datasheet HTML 3Page - ON Semiconductor MC100E131 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5
6
7
8
9
10
11
Q3
Q3
VCCO
R2
CE2
D2
R3
LOGIC DIAGRAM
CE3
D3
S12
VEE
CC
S03
D0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
Q2
Q2
VCC
Q1
Q1
Q0
Q0
CE0
R0
D1
CE1
R1
NC
VCCO
D3
CE3
R3
D2
CE2
R2
S03
S12
CC
R1
CE1
D1
R0
CE0
D0
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
S
D
Q
Q
R
S
D
Q
Q
R
R
D
Q
Q
S
R
D
Q
Q
S
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 3
© Motorola, Inc. 1996
7/96
4Bit D FlipFlop
The MC10E/100E131 is a quad master-slave D-type flip-flop with
differential outputs. Each flip-flop may be clocked separately by holding
Common Clock (CC) LOW and using the Clock Enable (CE) inputs for
clocking. Common clocking is achieved by holding the CE inputs LOW
and using CC to clock all four flip-flops. In this case, the CE inputs perform
the function of controlling the common clock, to each flip-flop.
Individual asynchronous resets are provided (R). Asynchronous set
controls (S) are ganged together in pairs, with the pairing chosen to
reflect physical chip symmetry.
Data enters the master when both CC and CE are LOW, and transfers
to the slave when either CC or CE (or both) go HIGH.
1100MHz Min. Toggle Frequency
Differential Outputs
Individual and Common Clocks
Individual Resets (asynchronous)
Paired Sets (asynchronous)
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0 – D3
Data Inputs
CE0 – CE3
Clock Enables (Individual)
R0 – R3
Resets
CC
Common Clock
S03, S12
Sets (paired)
Q0 – Q3
True Outputs
Q0 – Q3
Inverting Outputs
MC10E131
MC100E131
4-BIT
D FLIP-FLOP
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Numéro de pièce similaire - MC100E131

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100E131 ONSEMI-MC100E131 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC100E131FN ONSEMI-MC100E131FN Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC100E131FNG ONSEMI-MC100E131FNG Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC100E131FNG ONSEMI-MC100E131FNG Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC100E131FNR2 ONSEMI-MC100E131FNR2 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
More results

Description similaire - MC100E131

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
   4-BIT D FLIP-FLOP
logo
Arizona Microtek, Inc
AZ10E131 AZM-AZ10E131 Datasheet
76Kb / 6P
   ECL/PECL 4-bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
   5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com