Moteur de recherche de fiches techniques de composants électroniques |
|
TS1117CM Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS1117CM Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 6 page TS1117 2-6 2003/12 rev. A Electrical Characteristics Ta = 25 oC, unless otherwise specified. Adjustable version test with Vout = 2.5V. Parameter Conditions Min Typ Max Unit Vout+1.5V ≤ Vin ≤ 7V, Io=10mA 0.990|Vo| 1.010|Vo| V Output Voltage Vout+1.5V ≤ Vin ≤ 7V, Io=800mA 0.980|Vo| 5.0 / 3.3 2.5 / 1.8 1.020|Vo| V (Vin-out) =1.5V, Io=10mA 0.990|Vo| 1.010|Vo| V Reference Voltage (Vin-out) =1.5V, Io=800mA 0.980|Vo| 1.25 1.020|Vo| V Input Supply Voltage -- -- 7 V Line Regulation Vout+1.5V ≤ Vin ≤ 7V, Io=10mA -- 0.015 0.2 % % Load Regulation (note 1,2) Vin=Vout+1.5V, 10mA ≤ Io ≤ 800mA -- 0.05 1.0 % Dropout Voltage Io=1A, ∆Vout=0.1%Vout -- 1.3 1.4 V Minimum Load Current Vin=5V -- 8 10 mA Adjustable Pin Current -- 90 -- uA Current Limit Vin - Vout=3V 1.1 -- -- A Temperature Stability Io=10mA -- 0.5 -- % Ripple Rejection F = 120Hz, Io=1A Cout=25uF, Vin=Vout + 3V -- 60 70 dB Thermal Performance Condition Package type Typ Unit TO-220 85 TO-263 85 TO-252 105 Thermal Resistance Junction to Ambient SOT-223 110 oC/W Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package. Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input / output voltage difference and the output current. Guaranteed maximum power dissipation will not be available over the full input / output voltage range. Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation. |
Numéro de pièce similaire - TS1117CM |
|
Description similaire - TS1117CM |