Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1117 Datasheet(Fiches technique) 1 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1117
Description  800mA Low Dropout Positive Voltage Regulator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1117
1-6
2003/12 rev. A
TS1117
800mA Low Dropout Positive Voltage Regulator
Pin assignment:
1.
Ground / Adj
2.
Output
3.
Input
Low Dropout Voltage 1.3V max.
General Description
The TS1117 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the PJ1117 Series provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal shutdown protection of the output device. The TS1117 Series are
three terminal regulators with fixed and adjustable voltage options available in popular packages.
This series is offered in 3-pin TO-263, TO-220, TO-252 and SOT-223 package.
Features
Low dropout performance 1.3V max.
Full current rating over line and temperature.
Fast transient response
±2%Total output regulation over line, load and
temperature
Adjust pin current max 90µA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220, TO-263 TO-252 and SOT-223 package
Block Diagram
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1117CZ-xx
TO-220
TS1117CM-xx
TO-263
TS1117CP-xx
TO-252
TS1117CW-xx
-20 ~ +85
oC
SOT-223
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V and 1.8V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Absolute Maximum Rating
Input Supply Voltage
Vin
12
V
Operation Input Supply Voltage
Vin (operate)
7
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-25 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
10
5
S
TO-263


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TS1117B800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1117I800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
IRU1117-18800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 1 2 3 4 International Rectifier
LT1085220M05LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR 1 2 3 Seme LAB
TC551μA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicrochip Technology
PJ10845 Amp Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SC1592Low Dropout High Performance Adjustable Positive Voltage Regulator 1 2 3 4 5 MoreSemtech Corporation
TS10845A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
PL1085-XXXF33A Low Dropout Positive Voltage Regulator 1 2 3 4 Cystech Electonics Corp.
IRU1117-33800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 1 2 3 4 5 MoreInternational Rectifier

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn