Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1117 Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1117
Description  800mA Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1117 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS1117
4-6
2003/12 rev. A
Electrical Characteristics Curve
Figure 1: dropout voltage v.s. output current
Figure 2: load regulation v.s. temp.
Figure 3: output change v.s. temp.
Figure 4: line regulation
Figure 5: line transient response
Figure 6: load transient response


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
TS1117B 800mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
TS1117I 800mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
IRU1117-18 800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR 1  2  3  4  International Rectifier
LT1085220M05 LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
TC55 1μA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More Microchip Technology
PJ1084 5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
SC1592 Low Dropout High Performance Adjustable Positive Voltage Regulator 1  2  3  4  5  More Semtech Corporation
TS1084 5A Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
PL1085-XXXF3 3A Low Dropout Positive Voltage Regulator 1  2  3  4  Cystech Electonics Corp.
IRU1117-33 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 1  2  3  4  5  More International Rectifier

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn