Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1066 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC1066
Description  ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1066 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC1066 Datasheet HTML 6Page - ON Semiconductor MC1066 Datasheet HTML 7Page - ON Semiconductor MC1066 Datasheet HTML 8Page - ON Semiconductor MC1066 Datasheet HTML 9Page - ON Semiconductor MC1066 Datasheet HTML 10Page - ON Semiconductor MC1066 Datasheet HTML 11Page - ON Semiconductor MC1066 Datasheet HTML 12Page - ON Semiconductor MC1066 Datasheet HTML 13Page - ON Semiconductor MC1066 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC1066
http://onsemi.com
10
Figure 3. SMBus Protocols
DATA
S
ADDRESS
WR
ACK
7 Bits
COMMAND
DATA
P
8 Bits
ACK
ACK
S
ADDRESS
WR
ACK
7 Bits
COMMAND
RD
NACK
8 Bits
S
ADDRESS
7 Bits
ACK
ACK
8 Bits
P
S
ADDRESS
WR
ACK
7 Bits
COMMAND
8 Bits
P
ACK
DATA
RD
NACK
S
ADDRESS
7 Bits
ACK
8 Bits
P
Slave Address
Command Byte: selects
Data Byte: data goes
which register you
writing to.
into the register set
by the command byte.
Slave Address
Command Byte: selects
which register you
reading from.
Slave Address: repeated
due to change in data–
flow direction.
Data Byte: reads from
the register set by the
command byte.
Command Byte: sends
command with no data,
usually used for one–shot
Data Byte: reads data from
the register commanded by
the last Read Byte.
command.
S = Start Condition
P = Stop Condition
Shaded = Slave Transmission
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
8 Bits
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the MC1066. The host releases SDA
after transmitting eight bits, then generates a ninth clock
cycle to allow the MC1066 to pull the SDA line Low to
acknowledge that it successfully received the previous eight
bits of data or address.
Data Byte
After a successful ACK of the address byte, the host must
transmit the data byte to be written or clock out the data to
be read. (See the appropriate timing diagrams.) ACK will be
generated after a successful write of a data byte into the
MC1066.
Stop Condition (STOP)
Communications must be terminated by a stop condition
(a Low to High transition of SDA while SCL is High). The
Stop Condition must be communicated by the transmitter to
the MC1066. (See SMBus Write/Read Timing Diagram.)
Command Byte Description
Command
Code
Function
RIT
00h
Read Internal Temp (INT_TEMP)
RET
01h
Read External Temp (EXT_TEMP)
RS
02h
Read Status Byte (STATUS)
RC
03h
Read Configuration Byte (CONFIG)
RCR
04h
Read Conversion Rate Byte
(CONV_RATE)
RIHL
05h
Read Internal High Limit (INT_HLIM)
RILL
06h
Read Internal Low Limit (INT_LLIM)
REHL
07h
Read External High Limit (EXT_HLIM)
RELL
08h
Read External Low Limit (EXT_LLIM)
WC
09h
Write Configuration Byte (CONFIG)
WCR
0Ah
Write Conversion Rate Byt3
(CONV_RATE)
WIHL
0Bh
Write Internal High Limit (INT_HLIM)
WILL
0Ch
Write Internal Low Limit (INT_LLIM)
WEHL
0Dh
Write External High Limit (EXT_HLIM)
WELL
0Eh
Write External Low Limit (EXT_LLIM)
OSHT
0Fh
One Shot Temp Measurement
RMID
FEh
Read Manufacturer ID (MFR_ID)
RMREV
FFh
Read Manufacturer Revision Number
(MFR_REV)
NOTE: Proper device operation is NOT guaranteed if undefined
locations (10h to FDh) are addressed. In case of erroneous SMBus
operation (RECEIVE_BYTE command issued immediately after
WRITE_BYTE command) the MC1066 will ACKnowledge the address
and return 1111 1111b to signify an error. Under no condition will it
implement an SMBus “timeout.”


Numéro de pièce similaire - MC1066

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Description similaire - MC1066

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com