Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD23C16340 Fiches technique(PDF) 14 Page - NEC

No de pièce UPD23C16340
Description  16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD23C16340 Fiches technique(HTML) 14 Page - NEC

Back Button UPD23C16340 Datasheet HTML 10Page - NEC UPD23C16340 Datasheet HTML 11Page - NEC UPD23C16340 Datasheet HTML 12Page - NEC UPD23C16340 Datasheet HTML 13Page - NEC UPD23C16340 Datasheet HTML 14Page - NEC UPD23C16340 Datasheet HTML 15Page - NEC UPD23C16340 Datasheet HTML 16Page - NEC UPD23C16340 Datasheet HTML 17Page - NEC UPD23C16340 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
µµµµPD23C16340, 23C16380
Data Sheet M15709EJ2V0DS
Package Drawings
NOTES
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
48-PIN PLASTIC TSOP (I) (12x20)
ITEM
MILLIMETERS
A
B
C
E
I
12.0
±0.1
0.5 (T.P.)
0.1
±0.05
0.45 MAX.
K
1.2 MAX.
18.4
±0.1
0.145
±0.05
F
0.10
M
D
0.22
±0.05
1)
"A" excludes mold flash. (Includes mold flash : 12.4 mm MAX.)
2)
C
R
S
D
K
M
M
L
1.0
±0.05
G
L
0.5
0.10
N
P
20.0
±0.2
Q3
°+5°
−3°
0.25
R
S48GZ-50-MJH-1
S
0.60
±0.15
J
0.8
±0.2
S
Q
N
B
E
G
F
J
detail of lead end
1
24
48
25
S
A
I
P


Numéro de pièce similaire - UPD23C16340

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
logo
Renesas Technology Corp
UPD23C16300 RENESAS-UPD23C16300 Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16300F1-XXX-BC1-A RENESAS-UPD23C16300F1-XXX-BC1-A Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD23C16300F9-BC3 NEC-UPD23C16300F9-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300F9-XXX-BC3 NEC-UPD23C16300F9-XXX-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results

Description similaire - UPD23C16340

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com