Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD23C16340 Fiches technique(PDF) 5 Page - NEC

No de pièce UPD23C16340
Description  16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD23C16340 Fiches technique(HTML) 5 Page - NEC

  UPD23C16340 Datasheet HTML 1Page - NEC UPD23C16340 Datasheet HTML 2Page - NEC UPD23C16340 Datasheet HTML 3Page - NEC UPD23C16340 Datasheet HTML 4Page - NEC UPD23C16340 Datasheet HTML 5Page - NEC UPD23C16340 Datasheet HTML 6Page - NEC UPD23C16340 Datasheet HTML 7Page - NEC UPD23C16340 Datasheet HTML 8Page - NEC UPD23C16340 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
µµµµPD23C16340, 23C16380
Data Sheet M15709EJ2V0DS
Input / Output Pin Functions
Pin name
Input / Output
Function
WORD, /BYTE
Input
The pin for switching WORD mode and BYTE mode.
High level : WORD mode (1M-word by 16-bit)
Low level : BYTE mode (2M-word by 8-bit)
A0 to A19
(Address inputs)
Input
Address input pins.
A0 to A19 are used differently in the WORD mode and the BYTE mode.
WORD mode (1M-word by 16-bit)
A0 to A19 are used as 20 bits address signals.
BYTE mode (2M-word by 8-bit)
A0 to A19 are used as the upper 20 bits of total 21 bits of address signal.
(The least significant bit (A
−1) is combined to O15.)
O0 to O7, O8 to O14
(Data outputs)
Output
Data output pins.
O0 to O7, O8 to O14 are used differently in the WORD mode and the BYTE mode.
WORD mode (1M-word by 16-bit)
The lower 15 bits of 16 bits data outputs to O0 to O14.
(The most significant bit (O15) combined to A
−1.)
BYTE mode (2M-word by 8-bit)
8 bits data outputs to O0 to O7 and also O8 to O14 are high impedance.
O15, A
−1
(Data output 15,
LSB Address input)
Output, Input O15, A
−1 are used differently in the WORD mode and the BYTE mode.
WORD mode (1M-word by 16-bit)
The most significant output data bus (O15).
BYTE mode (2M-word by 8-bit)
The least significant address bus (A
−1).
/CE
(Chip Enable)
Input
Chip activating signal.
When the OE is active, output states are following.
High level : High-Z
Low level : Data out
/OE or OE or DC
(Output Enable, Don't care)
Input
Output enable signal. The active level of OE is mask option. The active level of OE
can be selected from high active, low active and Don’t care at order.
VCC
Supply voltage
GND
Ground
NC
Not internally connected. (The signal can be connected.)


Numéro de pièce similaire - UPD23C16340

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
logo
Renesas Technology Corp
UPD23C16300 RENESAS-UPD23C16300 Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16300F1-XXX-BC1-A RENESAS-UPD23C16300F1-XXX-BC1-A Datasheet
351Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD23C16300F9-BC3 NEC-UPD23C16300F9-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300F9-XXX-BC3 NEC-UPD23C16300F9-XXX-BC3 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results

Description similaire - UPD23C16340

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com