Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10198 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10198
Description  Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10198 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10198 Datasheet HTML 1Page - ON Semiconductor MC10198 Datasheet HTML 2Page - ON Semiconductor MC10198 Datasheet HTML 3Page - ON Semiconductor MC10198 Datasheet HTML 4Page - ON Semiconductor MC10198 Datasheet HTML 5Page - ON Semiconductor MC10198 Datasheet HTML 6Page - ON Semiconductor MC10198 Datasheet HTML 7Page - ON Semiconductor MC10198 Datasheet HTML 8Page - ON Semiconductor MC10198 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10198
3–173
MOTOROLA
MECL Data
DL122 — Rev 6
1. At t = 0
a.) Apply VIHmax to Pin 5 and 10.
b.) Apply VILmin to Pin 15.
c.) Ground Pin 4.
2. At t
w 10 ns a.) Open Pin 1.
b.) Apply –3.0 Vdc to Pin 4.
Hold these conditions for
w10 ns.
3. Return Pin 4 to Ground and perform test as
indicated in Table 2.
Pins 1, 16 = VCC = Ground
Pins 6, 8 = VEE = –5.2 Vdc
Outputs loaded 50
Ω to –2.0 Vdc
VIH max
VIL min
P1
–5.0
0
w 10 ns
t(ns)
–4.0
–3.0
–2.0
–1.0
0(Gnd)
10
20
Pin 1
open
30
TABLE 1 — PRECONDITION SEQUENCE
w 10 ns
TABLE 2 — CONDITIONS FOR TESTING OUTPUT LEVELS
(See Table 1 for Precondition Sequence)
VILA max
VIL min
P2
VIHA max
VIL min
P3
Pin Conditions
Pin Conditions
Test
P.U.T.
5
10
13
15
Test
P.U.T.
5
10
13
15
Precondition
Precondition
VOH
2
VIL min
VOHA
2
VIHA min
P1
VOH
3
P1
VOHA
3
VILA max
P1
Precondition
Precondition
VOL
3
VIL min
VOLA
3
VILA max
VOL
2
P1
VOLA
2
VIHA min
Precondition
Precondition
VOHA
2
VILA max
VOLA
2
VIL min
VOHA
3
VIHA min
VOLA
3
VIL min
Precondition
Precondition
VOHA
2
VIL min
VOLA
3
P2
VOHA
3
P3
VOLA
2
P3
Precondition
Precondition
VOHA
2
P2
VOLA
3
VIH max
P2
VOHA
3
P3
VOLA
2
VIH max
P3
Precondition
Precondition
VOHA
2
VIH max
P2
VOLA
3VIHA min
VIH max
P1
VOHA
3
VIH max
P3
VOLA
2VILA max
VIH max
P1
Precondition
Precondition
VOHA
2
VIH max
P1
VOLA
3VIH max
VIHA min
P1
VOHA
3
VIH max
P1
VOLA
2VIH max
VILA max
P1


Numéro de pièce similaire - MC10198

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10198FN ONSEMI-MC10198FN Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198L ONSEMI-MC10198L Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
More results

Description similaire - MC10198

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WH123FU TOSHIBA-TC7WH123FU Datasheet
382Kb / 10P
   MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7WH123FK TOSHIBA-TC7WH123FK Datasheet
426Kb / 11P
   MONOSTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com