Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G79 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AUP1G79
Description  Low-power D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G79 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G79 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G79 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9397 750 14682
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 September 2005
10 of 20
Philips Semiconductors
74AUP1G79
Low-power D-type flip-flop; positive-edge trigger
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
propagation delay CP to Q
see Figure 6
VCC = 0.8 V
-
36.8
-
ns
VCC = 1.1 V to 1.3 V
4.7
9.3
17.3
ns
VCC = 1.4 V to 1.6 V
3.8
6.4
11.8
ns
VCC = 1.65 V to 1.95 V
3.3
5.3
9.4
ns
VCC = 2.3 V to 2.7 V
3.0
4.3
7.0
ns
VCC = 3.0 V to 3.6 V
2.8
3.9
5.8
ns
fclk(max)
maximum clock frequency
see Figure 6
VCC = 0.8 V
-
28
-
MHz
VCC = 1.1 V to 1.3 V
-
128
-
MHz
VCC = 1.4 V to 1.6 V
-
206
-
MHz
VCC = 1.65 V to 1.95 V
-
262
-
MHz
VCC = 2.3 V to 2.7 V
-
269
-
MHz
VCC = 3.0 V to 3.6 V
-
309
-
MHz
Tamb = 25 °C
tsu(H)
set-up time HIGH D to CP
see Figure 6
VCC = 0.8 V
-
3.4
-
ns
VCC = 1.1 V to 1.3 V
-
0.8
-
ns
VCC = 1.4 V to 1.6 V
-
0.5
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
ns
VCC = 2.3 V to 2.7 V
-
0.4
-
ns
VCC = 3.0 V to 3.6 V
-
0.4
-
ns
tsu(L)
set-up time LOW D to CP
see Figure 6
VCC = 0.8 V
-
3.0
-
ns
VCC = 1.1 V to 1.3 V
-
0.9
-
ns
VCC = 1.4 V to 1.6 V
-
0.6
-
ns
VCC = 1.65 V to 1.95 V
-
0.5
-
ns
VCC = 2.3 V to 2.7 V
-
0.5
-
ns
VCC = 3.0 V to 3.6 V
-
0.7
-
ns
th
hold time D to CP
see Figure 6
VCC = 0.8 V
-
-1.9
-
ns
VCC = 1.1 V to 1.3 V
-
-0.6
-
ns
VCC = 1.4 V to 1.6 V
-
-0.4
-
ns
VCC = 1.65 V to 1.95 V
-
-0.4
-
ns
VCC = 2.3 V to 2.7 V
-
-0.4
-
ns
VCC = 3.0 V to 3.6 V
-
-0.3
-
ns
Table 9:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Numéro de pièce similaire - 74AUP1G79

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
logo
NXP Semiconductors
74AUP1G79GF NXP-74AUP1G79GF Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G79GM NXP-74AUP1G79GM Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
logo
Nexperia B.V. All right...
74AUP1G79GM NEXPERIA-74AUP1G79GM Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results

Description similaire - 74AUP1G79

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com