Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-19244XXXH Fiches technique(PDF) 16 Page - ABLIC Inc.

No de pièce S-19244XXXH
Description  AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244XXXH Fiches technique(HTML) 16 Page - ABLIC Inc.

Back Button S-19244XXXH Datasheet HTML 12Page - ABLIC Inc. S-19244XXXH Datasheet HTML 13Page - ABLIC Inc. S-19244XXXH Datasheet HTML 14Page - ABLIC Inc. S-19244XXXH Datasheet HTML 15Page - ABLIC Inc. S-19244XXXH Datasheet HTML 16Page - ABLIC Inc. S-19244XXXH Datasheet HTML 17Page - ABLIC Inc. S-19244XXXH Datasheet HTML 18Page - ABLIC Inc. S-19244XXXH Datasheet HTML 19Page - ABLIC Inc. S-19244XXXH Datasheet HTML 20Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
AUTOMOTIVE, 105°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.2_00
16
Table 23 (2 / 2)
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
ON / OFF pin
input voltage "H"
VSH
VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output
level
VOUT(S)
< 1.5 V
2.1
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1 k
Ω, determined by
VOUT output level
1.5 V
≤ VOUT(S)
2.1
V
4
ON / OFF pin
input voltage "L"
VSL
VIN = 2.5 V, RL = 1 k
Ω,
determined by VOUT output
level
VOUT(S)
< 1.5 V
0.6
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1 k
Ω, determined by
VOUT output level
1.5 V
≤ VOUT(S)
0.6
V
4
ON / OFF pin
input current "H"
ISH
VIN = 10 V, VON / OFF = 10 V
B / D / F / H type
−0.1
0.1
μA4
A / C / E / G type
0.8
2.5
7.8
μA4
ON / OFF pin
input current "L"
ISL
VIN = 10 V, VON / OFF = 0 V
−0.1
0.1
μA4
Ripple rejection
|RR|
VIN = 3.0 V, f = 1 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 100 mA
1.0 V
≤ VOUT(S) < 1.5 V
60
dB
5
1.5 V
≤ VOUT(S) < 2.0 V
55
dB
5
VIN = VOUT(S)
+ 1.0 V,
f = 1 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 100 mA
2.0 V
≤ VOUT(S) < 2.6 V
55
dB
5
2.6 V
≤ VOUT(S) ≤ 6.0 V
50
dB
5
Short-circuit current
Ishort
VIN = 2.5 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
VOUT(S)
< 1.5 V
330
mA
3
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
1.5 V
≤ VOUT(S)
330
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
Discharge shunt
resistance during
power-off
RLOW
VIN = 10 V, VOUT = 0.1 V
A / B / E / F type
100
Ω
6
ON / OFF pin
pull-down resistance
RPD
A / C / E / G type
1.3
4.0
12
M
Ω
4
Soft-start time
*6
tSS
VIN = 2.5 V,
ON / OFF pin = ON
VOUT(S)
< 1.5 V,
A / B / C / D type
1.0
ms
7
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON
1.5 V
≤ VOUT(S),
A / B / C / D type
1.0
ms
7
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 100 mA) and inputting 2.5 V or VOUT(S)
+ 1.0 V.
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V, and IOUT = 300 mA or 1000 mA.
*4. The dropout voltage is limited by the difference between the input voltage (min. value) and the set output voltage.
In case of 1.0 V
≤ VOUT(S) < 1.5 V: 2.5 V − VOUT(S) = Vdrop
In case of 1.5 V
≤ VOUT(S) < 2.0 V: (VOUT(S) + 1.0 V) − VOUT(S) = 1.0 V
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.
*6. Soft-start time shows the time period from immediately after power-on or when the ON / OFF pin is set to ON until the
output voltage rises to 99%. Refer to "8. Soft-start function" in " Operation" for details.


Numéro de pièce similaire - S-19244XXXH

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Description similaire - S-19244XXXH

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
S-19254XXXH ABLIC-S-19254XXXH Datasheet
892Kb / 32P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19243XXXH ABLIC-S-19243XXXH Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19253XXXH ABLIC-S-19253XXXH Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com