Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-19244XXXA Datasheet(Fiches technique) 28 Page - ABLIC Inc.

Numéro de pièce S-19244XXXA
Description  AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Télécharger  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19244XXXA Datasheet(HTML) 28 Page - ABLIC Inc.

Back Button S-19244XXXA Datenblatt HTML 24Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 25Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 26Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 27Page - ABLIC Inc. S-19244XXXA Datasheet HTML 28Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 29Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 30Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 31Page - ABLIC Inc. S-19244XXXA Datenblatt HTML 32Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
AUTOMOTIVE, 125°C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxA Series
Rev.3.2_00
28
4. Discharge shunt function (S-19244xxxA Series A / B / E / F type)
The S-19244xxxA Series A / B / E / F type has a built-in discharge shunt circuit to discharge the output capacitance.
The output capacitance is discharged as follows so that the VOUT pin reaches the VSS level.
(1) The ON / OFF pin is set to OFF level.
(2) The output transistor is turned off.
(3) The discharge shunt circuit is turned on.
(4) The output capacitor discharges.
Since the S-19244xxxA Series C / D / G / H type does not have a discharge shunt circuit, the VOUT pin is set to the
VSS level through several hundred k
Ω internal divided resistors between the VOUT pin and the VSS pin. The
S-19244xxxA Series A / B / E / F type allows the VOUT pin to reach the VSS level rapidly due to the discharge shunt
circuit.
Output transistor: OFF
ON / OFF pin: OFF
VIN
ON / OFF
VSS
ON / OFF circuit
Discharge shunt circuit
: ON
VOUT
*1
*1. Parasitic diode
Current flow
GND
*1
S-19244xxxA Series
Output
capacitor
(CL)
Figure 31
5. Pull-down resistor (S-19244xxxA Series A / C / E / G type)
The ON / OFF pin is internally pulled down to the VSS pin in the floating status, so the VOUT pin is set to the VSS
level.
Note that the IC's current consumption increases as much as current flows into the pull-down resistor of
4.0 M
Ω typ. when the ON / OFF pin is connected to the VIN pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn