Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2068AFW-2 Fiches technique(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

No de pièce LM2068AFW-2
Description  LCD Module User Manual
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Site Internet  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068AFW-2 Fiches technique(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068AFW-2 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW-2 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068AFW-2
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068AFW-2-Manual-Rev0.1
Page: 5 of 9
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Logic Supply
VDD
-0.3
+6.0
V
VSS = 0V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
VSS = 0V
Operating Temperature
TOP
-30
70
°C
No Condensation
Storage Temperature
TST
-40
80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may
affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD =5.0V, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Logic Supply
VDD
3.0
5.0
5.3
V
VDD
LCD Driving Supply
V0
-
22.9
-
V
V0
Input High Voltage
VIN
0.8xVDD
-
VDD
V
D0~D3, CP, LP,
FLM, /DISPOFF
Input Low Voltage
VIN
0
-
0.2x VDD
V
D0~D3, CP, LP,
FLM, /DISPOFF
Operating Current
IDD
-
32.6
81.5
mA
VDD
3.2
LED Backlight Circuit Characteristics
BLK=0V, IfBLA=102mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
5.0
-
V
BLA
Forward Current
IfBLA
-
102
130
mA
BLA
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
BLK
BLA
No. of LED = 6pcs


Numéro de pièce similaire - LM2068AFW-2

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen TOPWAY Technol...
LM2068AFW-1 TOPWAY-LM2068AFW-1 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW-1 TOPWAY-LM2068AFW-1 Datasheet
1Mb / 9P
   LCD Module User Manual
LM2068AFW-1 TOPWAY-LM2068AFW-1_V01 Datasheet
1Mb / 9P
   LCD Module User Manual
More results

Description similaire - LM2068AFW-2

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com