Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTQ2536-QA Fiches technique(PDF) 8 Page - Richtek Technology Corporation

No de pièce RTQ2536-QA
Description  DDR Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2536-QA Fiches technique(HTML) 8 Page - Richtek Technology Corporation

Back Button RTQ2536-QA Datasheet HTML 3Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 4Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 5Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 6Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 7Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 8Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 9Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 10Page - Richtek Technology Corporation RTQ2536-QA Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RTQ2536-QA
8
DSQ2536-QA-01 September 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltage vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
REFOUT Voltage vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL Supply Current vs. Temperature
300
320
340
360
380
400
420
440
460
480
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL = 5V
VCNTL = 3.3V
VCNTL Shutdown Current vs. Temperature
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V, VOUT = 0.75V
VCNTL = 5V
VCNTL = 3.3V
UVLO vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = VDDQSNS = 1.5V,
S3 = 2V, VOUT = 0.75V
Rising
Falling
Sourcing Current Limit vs. Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCNTL = 3.3V,
VIN = VDDQSNS = 1.5V, VOUT = 0.75V


Numéro de pièce similaire - RTQ2536-QA

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results

Description similaire - RTQ2536-QA

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com