Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC223A8X Fiches technique(PDF) 1 Page - WeEn Semiconductors

No de pièce MAC223A8X
Description  4Q Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEEN [WeEn Semiconductors]
Site Internet  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MAC223A8X Fiches technique(HTML) 1 Page - WeEn Semiconductors

  MAC223A8X Datasheet HTML 1Page - WeEn Semiconductors MAC223A8X Datasheet HTML 2Page - WeEn Semiconductors MAC223A8X Datasheet HTML 3Page - WeEn Semiconductors MAC223A8X Datasheet HTML 4Page - WeEn Semiconductors MAC223A8X Datasheet HTML 5Page - WeEn Semiconductors MAC223A8X Datasheet HTML 6Page - WeEn Semiconductors MAC223A8X Datasheet HTML 7Page - WeEn Semiconductors MAC223A8X Datasheet HTML 8Page - WeEn Semiconductors MAC223A8X Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAC223A8X
4Q Triac
15 September 2018
Product data sheet
1. General description
Planar passivated four quadrant triac in a SOT186A "full pack" plastic package intended for use in
applications requiring high bidirectional transient and blocking voltage capability and high thermal
cycling performance. Typical applications include motor control, industrial and domestic lighting,
heating and static switching.
2. Features and benefits
High blocking voltage capability
High noise immunity
Isolated package
Planar passivated for voltage ruggedness and reliability
Triggering in all four quadrants
3. Applications
General purpose motor control
Protection Circuits
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Th ≤ 25 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
20
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
190
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
-
230
A
Tj
junction temperature
-40
-
125
°C
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
6
50
mA
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
10
50
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
11
50
mA


Numéro de pièce similaire - MAC223A8X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MAC223A8X PHILIPS-MAC223A8X Datasheet
50Kb / 6P
   Triacs
September 2002-Rev 1.000
More results

Description similaire - MAC223A8X

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com