Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC103D1W Fiches technique(PDF) 2 Page - WeEn Semiconductors

No de pièce EC103D1W
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEEN [WeEn Semiconductors]
Site Internet  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

EC103D1W Fiches technique(HTML) 2 Page - WeEn Semiconductors

  EC103D1W Datasheet HTML 1Page - WeEn Semiconductors EC103D1W Datasheet HTML 2Page - WeEn Semiconductors EC103D1W Datasheet HTML 3Page - WeEn Semiconductors EC103D1W Datasheet HTML 4Page - WeEn Semiconductors EC103D1W Datasheet HTML 5Page - WeEn Semiconductors EC103D1W Datasheet HTML 6Page - WeEn Semiconductors EC103D1W Datasheet HTML 7Page - WeEn Semiconductors EC103D1W Datasheet HTML 8Page - WeEn Semiconductors EC103D1W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WeEn Semiconductors
EC103D1W
SCR
EC103D1W
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
21 August 2018
2 / 13
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
3
G
gate
4
mb
mounting base; connected to
anode
1
3
2
4
SC-73 (SOT223)
sym037
A
K
G
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
EC103D1W
SC-73
plastic surface-mounted package with increased heatsink; 4
leads
SOT223


Numéro de pièce similaire - EC103D1W

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
EC103D1 LITTELFUSE-EC103D1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
NXP Semiconductors
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
EC103D1 NXP-EC103D1 Datasheet
78Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
List of Unclassifed Man...
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Description similaire - EC103D1W

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com