Moteur de recherche de fiches techniques de composants électroniques |
|
CSR13B565KR Fiches technique(PDF) 4 Page - Kemet Corporation |
|
CSR13B565KR Fiches technique(HTML) 4 Page - Kemet Corporation |
4 / 84 page Military specification number Specification sheet number and trademark Military dash number and “J” for JAN Polarity, date code (1st digit indicates year and the next two digits indicate the week) Lot symbol Military specification number Specification sheet number, Military dash number, and “J” for JAN Capacitance value Capacitance tolerance and voltage rating Date code, lot code, and source code ® KEMET TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003 4 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 ORDERING INFORMATION (OBSOLETE *) CSR XX B 565 K M TYPE Capacitors, Fixed, Solid Electrolyte, Tantalum Established Reliability STYLE Tubular Case — Always Sleeved 09 — Miniature — T222 13 — Standard — T212 21 — Standard, low ESR — T262 23 — Extended Range — T242 33 — Extended Range, Low Leakage — T252 91 — Non-Polar — T213 VOLTAGE FAILURE RATE LEVEL IN % PER 1000 HOURS GRADED EXPONENTIAL A — Not Applicable M — 1%/k hrs. B — 0.1%/k hrs. P — 0.1%/k hrs. C — 0.01%/k hrs. R — 0.01%/k hrs. D — 0.001%/k hrs. S — 0.001%k hrs. CAPACITANCE TOLERANCE J — ± 5% K — ± 10% M — ± 20% CAPACITANCE Expressed in picofarads (1 microfarad = 1,000,000 picofarads). First two digits represent significant figures. Last digit specifies the number of zeros to follow. Examples 565 — 5,600,000 = 5.60 µF 563 — 56,000 = .056 µF 564 — 560,000 = .56 µF VDC Working VDC Surge Symbol 85°C 125°C 85°C 125°C B 6485 C10 7 13 9 D 15102012 E 20132616 F 35234628 G 50336540 H 75509864 J 100 67 130 86 * This Military Part Numbering System is obsolete in accordance with the current specifications. The correct current designation for a CSR part number is the MIL Specification Number, followed by the Specification (slash) Sheet Number and Dash Number (i.e. — MIL-C-39003/01-2270). However, the part number breakdown shown above is still widely used and is shown for reference. MILITARY CAPACITOR APPROVED FAILURE RATE LEVELS AND MARKINGS PER MIL-C-39003 FOR CSR09 (T222 A & B CASE SIZES ONLY), CSR13 (T212), CSR21 (T262), CSR23 (T242) & CSR33 (T252) CAPACITORS KEMET APPROVED FAILURE RATE LEVELS — MIL-C-39003/H (EXPONENTIAL) KEMET APPROVED FAILURE STYLE DESCRIPTION SERIES RATE LEVEL CSR09 Polar-Subminiature T222 S (0.001%/k hrs.) CSR13 Polar-Standard MIL Range T212 S (0.001%/k hrs.) CSR21 Polar-Standard Low ESR MIL Range T262 S (0.001%/k hrs.) CSR23 Polar-Extended Range T242 S (0.001%/k hrs.) KEMET APPROVED FAILURE STYLE DESCRIPTION SERIES RATE LEVEL CSR33 Polar-Extended Range Low Leakage T252 S (0.001%/k hrs.) CSR91 Non-Polar T213 S (0.001%/k hrs.) MILITARY MARKING 39003 01 - K 9002J +933 XY A CASE M39003 01 - 8006J 31433 +933 XY Military specification number Specification sheet number Military dash number and “J” for JAN Source code Polarity, date code (1st digit indicates year and the next two digits indicate the week), lot symbol B CASE M39003 01 - 8222J +6.8 µF 10% 50V 31433 9933 XY K Military specification number Specification sheet number, Military dash number, and “J” for JAN Positive terminal identifier and capacitance value Capacitance tolerance and voltage Source code Date code, lot code, and trademark C & D CASES M39003 04 - 0980J 1 µF 10% 20VNP 9933 XY 31433 CSR91 (T213) CAPACITORS A, B, C & D CASES (See page 38 for CSS Marking) |
Numéro de pièce similaire - CSR13B565KR |
|
Description similaire - CSR13B565KR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |