Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-4R7UW-B Datasheet(Fiches technique) 1 Page - Yellow Stone Corp

Numéro de pièce BA-4R7UW-B
Description  LED LIGHT BAR & BAR GRAPH ARRAYS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BA-4R7UW-B Datasheet(HTML) 1 Page - Yellow Stone Corp

  BA-4R7UW-B Datasheet HTML 1Page - Yellow Stone Corp BA-4R7UW-B Datenblatt HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BA-2R2UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-2H2UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
4.0
BA-2G2UW
GaP/ Green
568
30
80
30
150
2.2
2.5
9.0
BA-2Y2UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
8.0
GaAsP/GaP/ Hi-Eff.Red
BA-2E2UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
9.0
BA-2S2UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
15.0
7.50*13.9mm
Light Bar
BA-2D2UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
18.0
AD-07
BA-8R6UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
5.0
BA-8H6UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-8G6UW
GaP/ Green
568
30
80
30
150
2.2
2.5
12.0
BA-8Y6UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
10.0
GaAsP/GaP/ Hi-Eff.Red
BA-8E6UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
12.0
BA-8S6UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
16.0
10.0*20.2mm
Light Bar
BA-8D6UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
20.0
AD-08
BA-4R7UW
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-4H7UW
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-4G7UW
GaP/ Green
568
30
80
30
150
2.2
2.5
8.0
BA-4Y7UW
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
8.0
BA-4S7UW
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
12.0
BA-4D7UW
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
15.0
AD-09
BA-4R7UW-A
GaAsP/Red
655
40
80
40
200
1.7
2.0
3.0
BA-4H7UW-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
6.0
BA-4G7UW-A
GaP/ Green
568
30
80
30
150
2.2
2.5
8.0
BA-4Y7UW-A
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-A
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
8.0
BA-4S7UW-A
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
12.0
BA-4D7UW-A
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
15.0
AD-10
BA-4R7UW-B
GaAsP/Red
655
40
160
40
200
3.4
4.0
3.0
BA-4H7UW-B
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
6.0
BA-4G7UW-B
GaP/ Green
568
30
160
30
150
4.4
5.0
8.0
BA-4Y7UW-B
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
7.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-B
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
8.0
BA-4S7UW-B
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
12.0
BA-4D7UW-B
GaAlAs/ DH Super Red
660
20
160
30
150
3.4
5.0
15.0
AD-11
BA-4R7UW-C
GaAsP/Red
655
40
80
40
200
1.7
2.0
6.0
BA-4H7UW-C
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
12.0
BA-4G7UW-C
GaP/ Green
568
30
80
30
150
2.1
2.5
16.0
BA-4Y7UW-C
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
14.0
GaAsP/GaP/ Hi-Eff.Red
BA-4E7UW-C
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
16.0
BA-4S7UW-C
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
20.0
15.0*15.0mm
Light Bar
BA-4D7UW-C
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
24.0
AD-12
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA-10R1UDLED LIGHT BAR & BAR GRAPH ARRAYS 1 2 List of Unclassifed Manufacturers
KB2655EW8.89mmx8.89mm LED LIGHT BAR 1 2 3 Kingbright Corporation
DD-12HWB12SEGMENT BAR GRAPH ARRAYS 1 2 3 4 Kingbright Corporation
KB2500SGD8.89mmx3.81mm LED LIGHT BAR 1 2 3 Kingbright Corporation
MU04-2101SUPER BRIGHT LED LIGHT BAR MODULE 1 2 3 4 List of Unclassifed Manufacturers
KB2620EW8.89mmx3.81mm LED LIGHT BAR 1 2 3 Kingbright Corporation
KB-B100SRW19.05mmx3.81mm LED LIGHT BAR 1 2 3 Kingbright Corporation
KB2685EW8.89mmx19.05mm LED LIGHT BAR 1 2 3 Kingbright Corporation
MT208-5RLED LAMP ARRAYS 1 Marktech Corporate
MTLB2150-GMarktech 0.50 Light Bar LEDs 1 Marktech Corporate

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn