Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10115P Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC10115P
Description  Quad Line Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10115P Fiches technique(HTML) 1 Page - ON Semiconductor

  MC10115P Datasheet HTML 1Page - ON Semiconductor MC10115P Datasheet HTML 2Page - ON Semiconductor MC10115P Datasheet HTML 3Page - ON Semiconductor MC10115P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–59
REV 5
© Motorola, Inc. 1996
3/93
Quad Line Receiver
The MC10115 is a quad differential amplifier designed for use in sensing
differential signals over long lines. The base bias supply (VBB) is made available
at pin 9 to make the device useful as a Schmitt trigger, or in other applications
where a stable reference voltage is necessary.
Active current sources provide the MC10115 with excellent common mode
noise rejection. If any amplifier in a package is not used, one input of that
amplifier must be connected to VBB (pin 9) to prevent upsetting the current
source bias network.
PD = 110 mW typ/pkg (No Load)
tpd = 2.0 ns typ
tr, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
*VBB to be used to supply bias to the MC10115 only and bypassed (when used)
with 0.01
µF to 0.1 µF capacitor to ground (0 V). VBB can source < 1.0 mA.
When the input pin with the bubble goes positive, the output goes negative.
2
5
4
3
6
7
14
11
10
15
12
13
9
VBB*
MC10115
DIP
PIN ASSIGNMENT
VCC1
AOUT
BOUT
AIN
AIN
BIN
BIN
VEE
VCC2
DOUT
COUT
DIN
DIN
CIN
CIN
VBB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Numéro de pièce similaire - MC10115P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10115P ONSEMI-MC10115P Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
More results

Description similaire - MC10115P

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
   Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com