Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100LVEP210FAR2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100LVEP210FAR2
Description  Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP210FAR2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100LVEP210FAR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEP210FAR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100LVEP210
http://onsemi.com
2
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345678
24
23
22
21
20
19
18
17
16
MC100LVEP210
Qb4
Qb4
Qb3
Qb3
Qb2
Qb2
VCC
VCC
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
VCC
VEE
CLKb
CLKb
VBB
CLKa
CLKa
VCC
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3 Qa3
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
Qa4
Qa4
VBB
CLKa
CLKa
Figure 1. 32–Lead TQFP Pinout (Top View)
NC
Figure 2. Logic Symbol
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
Qb4
Qb4
CLKb
CLKb
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
PIN DESCRIPTION
PIN
CLKn/CLKn
Qn0:4/Qn0:4
LVECL/LVPECL Outputs
FUNCTION
LVECL/LVPECL/HSTL CLK Inputs
VBB
VCC
Positive Supply
Reference Voltage Output
VEE
Negative, 0 Supply
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–6.0 to 0
VDC
VCC
Power Supply (VEE = 0V)
6.0 to 0
VDC
VI
Input Voltage (VCC = 0V, VI not more negative than VEE)
–6.0 to 0
VDC
VI
Input Voltage (VEE = 0V, VI not more positive than VCC)
6.0 to 0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source Current{
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
80
55
°C/W
θJC
Thermal Resistance (Junction–to–Case)
12 to 17
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
{ Use for inputs of same package only.


Numéro de pièce similaire - MC100LVEP210FAR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP210FAR2 ONSEMI-MC100LVEP210FAR2 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
More results

Description similaire - MC100LVEP210FAR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Maxim Integrated Produc...
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com