Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100SX1230 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC100SX1230
Description  CMI CODER/DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100SX1230 Fiches technique(HTML) 3 Page - ON Semiconductor

  MC100SX1230 Datasheet HTML 1Page - ON Semiconductor MC100SX1230 Datasheet HTML 2Page - ON Semiconductor MC100SX1230 Datasheet HTML 3Page - ON Semiconductor MC100SX1230 Datasheet HTML 4Page - ON Semiconductor MC100SX1230 Datasheet HTML 5Page - ON Semiconductor MC100SX1230 Datasheet HTML 6Page - ON Semiconductor MC100SX1230 Datasheet HTML 7Page - ON Semiconductor MC100SX1230 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100SX1230
3
MOTOROLA
High Performance Frequency
Control Products — BR1334
ABSOLUTE MAXIMUM RATINGS1
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–8 to 0
Vdc
VI
Input Voltage (VCC = 0V)
0 to –6
Vdc
IOUT
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +85
°C
VEE
Operating Range2
–5.7 to 4.2
V
1 Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
2 Parametric values specified at: –4.2 to 5.46V
DC CHARACTERISTICS (VCC = VCCO = GND; VEE = –4.2 to 5.46V)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
–1025
–955
–880
–1025
–955
–880
–1025
–955
–880
mV
Vin = VIH(max) or VIL(min)
VOL
Output LOW Voltage
–1810
–1705
–1620
–1810
–1705
–1620
–1810
–1705
–1620
mV
Vin = VIH(max) or VIL(min)
VOHA
Output HIGH Voltage
–1035
–1035
–1035
mV
Vin = VIH(max) or VIL(min)
VOLA
Output LOW Voltage
–1610
–1610
–1610
mV
Vin = VIH(max) or VIL(min)
VIH
Input HIGH Voltage
–1165
–880
–1165
–880
–1165
–880
mV
VIL
Input LOW Voltage
–1810
–1475
–1810
–1475
–1810
–1475
mV
VBB
Reference Voltage
–1380
–1260
–1380
–1260
–1380
–1260
V
IIH
Input HIGH Current
200
200
200
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
IEE
Supply Current
61
122
61
122
70
141
mA
1. 100SX circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is mounted in a test socket
or mounted on a printed circuit board and transverse air greater than 500lfm is maintained.
2. All outputs are loaded with 50
Ω to VCC – 2V.
AC CHARACTERISTICS (VCC = VCCO = GND; VEE = –4.2 to 5.46V)
0 to 85
°C
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Notes
Fmax
700
MHz
tpd
Propagation
CCLKin to CCLKout
Delay
CCLKin to QCMI
DCLKin to DCLKout
DCLKin to QBIN
CCLKin to DCLKout
CCLKin to QBIN
DCLKin to QCMI
650
1000
550
1000
1100
800
1550
1750
1700
1800
2700
1700
ps
LCMI=LBIN=‘L’
LCMI=LBIN=‘L’
LCMI=LBIN=‘L’
LCMI=‘L’, LBIN=‘H’
LCMI=‘L’, LBIN=‘L’
LCMI=‘H’, LBIN=‘L’
Add 3 CCLKin-Cycles to Delay
Add 4 DCLKin-Cycles to Delay
Add 3 CCLKin-Cycles to Delay
Add 5 DCLKin-Cycles to Delay
ts
Setup Time
BINin to CCLKin
CMIin to DCLKin
–375
140
ps
th
Hold Time
CCLKin to BINin
DCLKin to CMIin
1000
120
ps
VPP
Minimum Input Swing
250
mV
VCMR
Common Mode Range
–0.4
Note
V
tr, tf
Rise/Fall Times
150
700
ps
20% – 80%
1. 100SX circuits are designed to meet the AC specifications shown in the table after thermal equilibrium has been established. The circuit is mounted in a test socket
or mounted on a printed circuit board and transverse air greater than 500lfm is maintained.
2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range
and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range is dependent on VEE and is equal to VEE + 3.0V.


Numéro de pièce similaire - MC100SX1230

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
More results

Description similaire - MC100SX1230

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UDA1338H PHILIPS-UDA1338H Datasheet
235Kb / 56P
   Multichannel audio coder-decoder
2002 Nov 21
UDA1384 PHILIPS-UDA1384 Datasheet
276Kb / 55P
   Multichannel audio coder-decoder
Rev. 02-17 January 2005
logo
Micronas
VCU2133 MICRONAS-VCU2133 Datasheet
1Mb / 16P
   High-Speed coder/decoder IC
logo
Renesas Technology Corp
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
logo
Integrated Circuit Syst...
UDA1380 ICST-UDA1380 Datasheet
278Kb / 68P
   Stereo audio coder-decoder for MD, CD and MP3
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
   2M CMI Transceiver
logo
Gamewell-FCI by Honeywe...
1120-0499 GAMEWELL-FCI-1120-0499 Datasheet
38Kb / 1P
   Zone Coder Unit
logo
Pulse A Technitrol Comp...
TX8111NL PULSE-TX8111NL Datasheet
271Kb / 3P
   CMI 2x51 uH - SHASTA
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com