Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-1002 Fiches technique(PDF) 29 Page - ABLIC Inc.

No de pièce S-1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1002 Fiches technique(HTML) 29 Page - ABLIC Inc.

Back Button S-1002 Datasheet HTML 25Page - ABLIC Inc. S-1002 Datasheet HTML 26Page - ABLIC Inc. S-1002 Datasheet HTML 27Page - ABLIC Inc. S-1002 Datasheet HTML 28Page - ABLIC Inc. S-1002 Datasheet HTML 29Page - ABLIC Inc. S-1002 Datasheet HTML 30Page - ABLIC Inc. S-1002 Datasheet HTML 31Page - ABLIC Inc. S-1002 Datasheet HTML 32Page - ABLIC Inc. S-1002 Datasheet HTML 33Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
S-1002 Series
29
1
s
tPLH
VIH*1
SENSE pin
voltage
Output voltage
VIL*2
VDD
VDD
 10%
VDD
 90%
tPHL
1
s
*1.
VIH = 10 V
*2.
VIL = 0.95 V
Figure 32 Test Condition of Response Time
VDD
VDD
VSS
OUT
R
100 k
SENSE
P.G.
Oscilloscope
VDD
VDD
VSS
OUT
SENSE
P.G.
Oscilloscope
Figure 33 Test Circuit of Response Time
Figure 34 Test Circuit of Response Time
(Nch open-drain output product)
(CMOS output product)
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn