Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-1002 Fiches technique(PDF) 11 Page - ABLIC Inc.

No de pièce S-1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1002 Fiches technique(HTML) 11 Page - ABLIC Inc.

Back Button S-1002 Datasheet HTML 7Page - ABLIC Inc. S-1002 Datasheet HTML 8Page - ABLIC Inc. S-1002 Datasheet HTML 9Page - ABLIC Inc. S-1002 Datasheet HTML 10Page - ABLIC Inc. S-1002 Datasheet HTML 11Page - ABLIC Inc. S-1002 Datasheet HTML 12Page - ABLIC Inc. S-1002 Datasheet HTML 13Page - ABLIC Inc. S-1002 Datasheet HTML 14Page - ABLIC Inc. S-1002 Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
S-1002 Series
11
2. CMOS output product
Table 12
(Ta =
25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1 VDET
0.95 V
 VDD  10.0 V
1.0 V
 VDET(S)  2.2 V
VDET(S)
 0.022
VDET(S)
VDET(S)
 0.022
V
1
2.2 V
 VDET(S)  5.0 V
VDET(S)
 0.99
VDET(S)
VDET(S)
 1.01
V
1
Hysteresis width
VHYS
VDET
 0.03
VDET
 0.05
VDET
 0.07
V
1
Current
consumption
*2
ISS
VDD = 10.0 V, VSENSE = VDET(S)  1.0 V
0.50
0.90
A
2
Operation voltage VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor
Nch
VDS
*3 = 0.5 V
VSENSE = 0.0 V
VDD = 0.95 V
0.59
1.00
mA
3
VDD = 1.2 V
0.73
1.33
mA
3
VDD = 2.4 V
1.47
2.39
mA
3
VDD = 4.8 V
1.86
2.50
mA
3
Output transistor
Pch
VDD = 4.8 V
1.62
2.60
mA
5
VDS
*3 = 0.5 V
VSENSE = 10.0 V
VDD = 6.0 V
1.78
2.86

mA
5
Detection voltage
temperature
coefficient
*4
VDET
Ta VDET Ta = 40°C to 85°C
100350 ppm/C
1
Detection
delay time
*5
tDET
VDD = 5.0 V
40
s
4
Release
delay time
*6
tRESET
VDD = 5.0 V
VDET(S)  2.4 V
40
s
4
2.4 V
 VDET(S)
80
s
4
SENSE pin
resistance
RSENSE
1.0 V
 VDET(S)  1.2 V
5.0
19.0
42.0
M
2
1.2 V
 VDET(S)  5.0 V
6.0
30.0
98.0
M
2
*1.
VDET: Actual detection voltage value, VDET(S): Set detection voltage value (the center value of the detection voltage
range in Table 5 or Table 6)
*2.
The current flowing through the SENSE pin resistance is not included.
*3.
VDS: Drain-to-source voltage of the output transistor
*4.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
VDET
Ta
[]
mV/°C
*1 = VDET(S) (typ.)[]
V
*2
VDET
Ta  VDET []
ppm/°C
*3  1000
*1. Temperature change of the detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient
*5.
The time period from when the pulse voltage of 6.0 V
 VDET(S)  2.0 V or 0 V is applied to the SENSE pin to when
VOUT reaches VDD / 2.
*6.
The time period from when the pulse voltage of 0 V
 VDET(S)  2.0 V or 6.0 V is applied to the SENSE pin to when
VOUT reaches VDD / 2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn