Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDALA10M7GA004 Fiches technique(PDF) 6 Page - Murata Manufacturing Co., Ltd.

No de pièce CDALA10M7GA004
Description  Ceramic Filters (CERAFIL) for FM Receivers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDALA10M7GA004 Fiches technique(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CDALA10M7GA004 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CDALA10M7GA004 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
5
1
Continued from the preceding page.
s Frequency Characteristics (Spurious)
SFECV10M7HA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
SFECV10M7GA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
SFECV10M7FA00-R0
0
10
20
30
40
50
60
70
8.700
10.700
9.700
11.700
12.700
Frequency (MHz)
s Standard Land Pattern Dimensions
(in mm)
Land
1.2
1.65
2.85
2.85
1.65
1.2
1.2
s Test Circuit
(1)
(3)
(2)
R2
C2
E2
RF
Voltmeter
R1
E1
S.S.G.
=-10dBm
Rg
Rg = 50
Ω R1 = 280Ω ±5% R2 = 330Ω ±5%
C2 = 10
± 2 pF (Including stray capacitance and Input capacitance
of RF Volt Meter)
E1 : S.S.G. S.S.G. Output Voltage
(1): Input
(2): Ground
(3): Output


Numéro de pièce similaire - CDALA10M7GA004

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CDALF10M7GA001-B0 MURATA1-CDALF10M7GA001-B0 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
More results

Description similaire - CDALA10M7GA004

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
SFE10.7MS2-Z.7 MURATA1-SFE10.7MS2-Z.7 Datasheet
404Kb / 23P
   CERAMIC FILTER (CERAFIL®) For FM Receivers
logo
Murata Manufacturing Co...
SFECF10M7EA00-R0 MURATA-SFECF10M7EA00-R0 Datasheet
26Kb / 1P
   CERAFIL for FM
SFVLF10M7MF00-B0 MURATA-SFVLF10M7MF00-B0 Datasheet
20Kb / 1P
   CERAFIL for FM
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
   FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com