Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OM1840SCM Fiches technique(PDF) 1 Page - International Rectifier

No de pièce OM1840SCM
Description  5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

OM1840SCM Fiches technique(HTML) 1 Page - International Rectifier

  OM1840SCM Datasheet HTML 1Page - International Rectifier OM1840SCM Datasheet HTML 2Page - International Rectifier OM1840SCM Datasheet HTML 3Page - International Rectifier OM1840SCM Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 - 75
3.3
OM1840NKM
1 08 R3
Supersedes 4 11 R2
5 AMP LOW DROPOUT POSITIVE ADJUSTABLE
REGULATOR APPROVED TO DESC DRAWING 5962-89521
FEATURES
• Similar To Industry Standard LT1084
• Approved To DESC Standardized Military Drawing Number 5962-89521
• Adjustable Output Voltage
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Maximum Output Voltage Tolerance is Guaranteed To ±1%
• Guaranteed Dropout Voltage At Multiple Current Levels
• TO-258 Available in Isolated and Non-Isolated Packages
DESCRIPTION
This three terminal positive adjustable voltage regulator is designed to provide 5A
with higher efficiency than conventional voltage regulators. This device is designed
to operate down to 1 Volt input to output differential and the dropout voltage is fully
specified as a function of load current. Supplied in easy-to-use hermetic TO-258 and
TO-3 packages, this device is ideally suited for Military applications where small size
and high reliability is required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Power Dissipation (Pd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance:
θ
JC (TO-258 Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0°C/W
θ
JC (TO-258 Non-Isolated) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.3°C/W
θ
JC (TO-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0°C/W
Maximum Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 A
Recommended Operating Conditions:
Output Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.3V to 15 V
Ambient Operating Temperature Range (TA) . . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 25 V
OM1840SCM
OM1840NCM
Three Terminal, Positive Adjustable
Low Dropout Voltage Regulator In
Hermetic Packages


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn