Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES7144LV Fiches technique(PDF) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

No de pièce ES7144LV
Description  10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Site Internet  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7144LV Fiches technique(HTML) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7144LV Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7144LV Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Everest Semiconductor
ES7144LV
Rev 5.0
December, 2010
7
5. PACKAGE INFORMATION
TSSOP-10 (3mm BODY) Outline Dimensions
Symbols
Dimensions (inch)
Dimensions (mm)
Min
TYP
Max
Min
TYP
Max
A
---
0.1929
---
---
4.9
---
B
---
0.0197
---
---
0.5
---
C
---
---
0.0433
---
---
1.10
D
0.0059
---
0.0118
0.15
---
0.30
E
---
0.1181
---
---
3.0
---
F
0.0295
---
0.0374
0.75
---
0.95
G
0
---
0.0059
0
---
0.15
H
0.0157
0.0236
0.0315
0.40
0.60
0.80
I
---
0.1181
---
---
3.0
---
J
0.0100x45
o
---
0.0160 x45
o
0.254 x45
o
---
0.406 x45
o
K
0.0031
---
0.0091
0.08
---
0.23
L
0
o
---
8
o
0
o
---
8
o
Note:
1. Reference JEDEC MO-187


Numéro de pièce similaire - ES7144LV

FabricantNo de pièceFiches techniqueDescription
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results

Description similaire - ES7144LV

FabricantNo de pièceFiches techniqueDescription
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Protek Devices
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
   24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7148 EVEREST-ES7148 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com