Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S242N100J502CT Fiches technique(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce S242N100J502CT
Description  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

S242N100J502CT Fiches technique(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  S242N100J502CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION S242N100J502CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 11
ASC Safety Certified X1/Y2_(S2)_010X_AS
May. 2019
1. DESCRIPTION
WTC’s SAFETY CERTIFIED CAPACITORS are designed for surge or lightning immunity in modem facsimile and
other equipments. The capacitors of series S2 are class X1/Y2 compliant respectively.
The green type capacitors in S2 and S3 series are manufactured by using environmentally friendly materials without
lead or cadmium.
The terminations are composed of plated nickel and pure tin to feature the superior leaching resistance during
soldering.
4. HOW TO ORDER
S2
42
N
100
J
502
C
T
Series
S2=X1/Y2
Safety
Certified
Size
42=1808 (4520)
43=1812 (4532)
52=2211 (5728)
55=2220 (5750)
Dielectric
N=NP0
B=X7R
Capacitance
Two significant
digits followed by
no. of zeros. And R
is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
100=10x10
0
=10pF
Tolerance
D= ±0.5pF
F=
±1.0%
G= ±2.0%
J= ±5.0%
K= ±10%
M= ±20%
Rated voltage
Two significant digits
followed by no. of
zeros. And R is in
place of decimal
point.
502: 5000V
Impulse Voltage
602: 6000V
Impulse Voltage
Termination
C=Cu/Ni/Sn
Packaging
T=7” reeled
G=13” reeled
2. FEATURES
a.
High reliability and stability.
b.
Small size and high capacitance
c.
RoHS compliant
d.
Safety standard approval by
EN 60384-14 : 2013
IEC 60384-14 : 2013
UL 60384-14 (Ed 2.0)
e.
Certificate number:
TUV: R50195920, TUV: R50381780
UL: E182369
f.
HALOGEN compliant.
3. APPLICATIONS
a.
Modem.
b.
Facsimile.
c.
Telephone.
d.
Other electronic equipment for lighting or surge
protection and isolation


Numéro de pièce similaire - S242N100J502CT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
S24 FAIRCHILD-S24 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S24 ETC2-S24 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S24 RFE-S24 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S24-120Q PANDUIT-S24-120Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S24-120Q0 PANDUIT-S24-120Q0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Description similaire - S242N100J502CT

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
DIYI Electronic Technol...
MMSZ5221B DYELEC-MMSZ5221B Datasheet
954Kb / 2P
   H igh Stability and High Reliability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com