Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT18N102J500CT Fiches technique(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

No de pièce MT18N102J500CT
Description  A wide selection of sizes is available
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT18N102J500CT Fiches technique(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  MT18N102J500CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MT18N102J500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Size
0201, 0402, 0603, 0805, 1206, 1210
0402, 0603, 0805, 1206
Capacitance range*
0.1pF to 0.033uF
100pF to 2.2
µF
Capacitance tolerance**
Cap
≤5pF#1: A (±0.05pF ), B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF:B (±0.1pF), C (±0.25pF), D (±0.5pF)
Cap
≥10pF: F (±1%), G (±2%), J (±5%)
J (±5%), K (±10%), M (±20%)
Rated voltage (WVDC)
10V, 16V, 25V, 50V, 100V, 200V, 250, 500, 630, 1000
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm/°C
±15%
Termination
Ni/Sn (lead-free termination)
#1: NP0, 0.1pF product only provide B tolerance.
* Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
Measured at 1.0±0.2Vrms, 1.0kHz±10% for C
≤10µF; 0.5±0.2Vrms, 120Hz±20% for C>10µF, 30~70% related humidity, 25°C ambient
temperature for X7R.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
0201 (0603)
0.60±0.03
0.30±0.03
0.30±0.03
L
#
0.15±0.05
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
#
0.25
+0.05/-0.10
0603 (1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60
+0.15/-0.10
0.80
+0.15/-0.10
0.80
+0.15/-0.10
X
0805 (2012)
2.00±0.15
1.25±0.10
0.60±0.10
A
0.50±0.20
0.80±0.10
B
1.25±0.10
D
#
2.00±0.20
1.25±0.20
1.25±0.20
I
#
1206 (3216)
3.20±0.15
1.60±0.15
0.80±0.10
B
0.60±0.20
0.95±0.10
C
1.25±0.10
D
#
3.20±0.20
1.15±0.15
J
#
1.60±0.20
1.60±0.20
G
#
3.20+0.3/-0.1
1.60+0.3/0.1
1.60+0.30/-0.10
P
#
1210 (3225)
3.20±0.30
2.50±0.20
0.95±0.10
C
#
0.75±0.25
1.25±0.10
D
#
3.20±0.40
2.50±0.30
1.60±0.20
G
#
2.00±0.20
K
#
2.50±0.30
M
#
# Reflow soldering only is recommended.


Numéro de pièce similaire - MT18N102J500CT

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
MT1812 SUMIDA-MT1812 Datasheet
96Kb / 1P
   MODEM Transformer
logo
Micron Technology
MT18HTF12872 MICRON-MT18HTF12872 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF25672 MICRON-MT18HTF25672 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
MT18HTF6472 MICRON-MT18HTF6472 Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
More results

Description similaire - MT18N102J500CT

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
   Wide Selection of Panel Seal Boots
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
   Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
   the series is available in a wide frequency range
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com