Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS3LV02DQ Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce LIS3LV02DQ
Description  MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DQ Fiches technique(HTML) 1 Page - STMicroelectronics

  LIS3LV02DQ Datasheet HTML 1Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 2Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 3Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 4Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 5Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 6Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 7Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 8Page - STMicroelectronics LIS3LV02DQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev 1
October 2005
CD00047926
1/42
42
LIS3LV02DQ
MEMS INERTIAL SENSOR
3-Axis -
±2g/±6g Digital Output Low Voltage Linear Accelerometer
Features
2.16V TO 3.6V SINGLE SUPPLY
OPERATION
1.8V COMPATIBLE IOs
I
2C/SPI DIGITAL OUTPUT INTERFACES
PROGRAMMABLE 12 or 16 BIT DATA
REPRESENTATION
INTERRUPT ACTIVATED BY MOTION
PROGRAMMABLE INTERRUPT
THRESHOLD
EMBEDDED SELF TEST
HIGH SHOCK SURVIVABILITY
ECO-PACK COMPLIANT
Description
The LIS3LV02DQ is a three axes digital output
linear accelerometer that includes a sensing
element and an IC interface able to take the
information from the sensing element and to
provide the measured acceleration signals to the
external world through an I2C/SPI serial interface.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface instead is manufactured using a
CMOS process that allows high level of integration
to design a dedicated circuit which is factory
trimmed to better match the sensing element
characteristics.
The LIS3LV02DQ has a user selectable full scale
of
±2g, ±6g and it is capable of measuring
acceleration over a bandwidth of 640 Hz for all
axes. The device bandwidth may be selected
accordingly to the application requirements. A
self-test capability allows the user to check the
functioning of the system
The device may be configured to generate an
inertial wake-up/free-fall interrupt signal when a
programmable acceleration threshold is crossed
at least in one of the three axes.
The LIS3LV02DQ is available in plastic SMD
package and it is specified over a temperature
range extending from -40°C to +85°C.
The LIS3LV02DQ belongs to a family of products
suitable for a variety of applications:
Free-Fall detection
Motion activated functions in portable terminals
Antitheft systems and Inertial navigation
Gaming and Virtual Reality input devices
Vibration Monitoring and Compensation
QFPN-28
Order codes
Part number
Op. Temp. range,
°C
Package
Packing
LIS3LV02DQ
-40 to +85
QFPN-28
Tray
LIS3LV02DQ-TR
-40 to +85
QFPN-28
Tape and Reel
www.st.com


Numéro de pièce similaire - LIS3LV02DQ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL-TR STMICROELECTRONICS-LIS3LV02DL-TR Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3LV02DLTR STMICROELECTRONICS-LIS3LV02DLTR Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
More results

Description similaire - LIS3LV02DQ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
   INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com