Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5212E Fiches technique(PDF) 5 Page - SamHop Microelectronics Corp.

No de pièce SM5212E
Description  SM5212E is a RF remote control encoder paired with SM5212D
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5212E Fiches technique(HTML) 5 Page - SamHop Microelectronics Corp.

  SM5212E Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5212E Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
2. OSC Frequency
SM5212E's oscillator can be constructed by connecting a resistor between OSC1 and OSC2
pin.
V1.0
Encoder OSC Frequency
40
35
30
25
20
15
10
5
0
KHz
1
2
3
4
5
6
7
8
9
10
11
12
VOLTAGE
1.5M
1.2M
1.0M
820K
2.0M
3.0M
560K
The recommended oscillator frequency is FOSCD (SM5212D decoder)= 8 - 10 FOSCD (SM5212E
encoder)
~
SM5212E
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Numéro de pièce similaire - SM5212E

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5212D SAMHOP-SM5212D Datasheet
40Kb / 8P
   SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
SM5212D-S SAMHOP-SM5212D-S Datasheet
40Kb / 8P
   SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
More results

Description similaire - SM5212E

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM5212D SAMHOP-SM5212D Datasheet
40Kb / 8P
   SM5212D is a remote control decoder paired with SM5212E utilizing CMOS Technology.
SM5162 SAMHOP-SM5162 Datasheet
60Kb / 12P
   RF remote control encoder paired with SM5172.
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com