Moteur de recherche de fiches techniques de composants électroniques |
|
STU3055L2 Fiches technique(PDF) 3 Page - SamHop Microelectronics Corp. |
|
STU3055L2 Fiches technique(HTML) 3 Page - SamHop Microelectronics Corp. |
3 / 7 page S T U/D3055L2 Parameter S ymbol Condition Min Typ Max Unit E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted) DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS Diode Forward Voltage VSD VGS = 0V, Is =10A 1 1.3 V b C Notes c.Guaranteed by design, not subject to production testing. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. F igure 1. Output C haracteristics F igure 4. On-R esistance Variation with Temperature V DS , Drain-to-S ource Voltage (V ) a.Surface Mounted on FR 4 Board, t 10sec. 5 10 8 6 4 2 0 0 2 4 6 8 10 12 3 2.2 1.8 1.4 1.0 0.6 0.2 0 -50 0 50 100 125 T j( C ) -25 25 75 V GS =10V ID=6A V GS =2V V GS =10,9,8,7,6,5,4,3V F igure 2. Transfer C haracteristics V GS , G ate-to-S ource Voltage (V ) 25 C 25 20 15 10 5 0 0.0 0.6 1.2 1.8 2.4 3.0 3.6 T j=125 C -55 C F igure 3. C apacitance V DS , Drain-to S ource Voltage (V ) 0 4 8 12 16 20 24 C iss C oss 1250 1000 750 500 250 0 C rss |
Numéro de pièce similaire - STU3055L2 |
|
Description similaire - STU3055L2 |