Moteur de recherche de fiches techniques de composants électroniques |
|
Q1B475010 Fiches technique(PDF) 4 Page - Vishay Siliconix |
|
Q1B475010 Fiches technique(HTML) 4 Page - Vishay Siliconix |
4 / 7 page www.vishay.com ETQW Vishay Roederstein Document Number 42075 Revision 15-Aug-02 130 For technical questions, contact eurotant@vishay.com STANDARD RATINGS CR ( µF) MAX. DF @ 120Hz + 20 °C MAX. Z @ 100kHz (OHMS) MAX. DCL @ + 20 °C, ( µA) d ± 0.05 RM ± 0.05 H2 MAX (mm) H MAX (mm) D MAX (mm) PART NUMBER CASE CODE U R= 35 Volt @ + 85 °C, Surge = 45.5 V U C = 23 V @ + 125 °C U R= 50 Volt @ + 85 °C, Surge = 65 V U C = 33 V @ + 125 °C (*) Insert M for ± 20% tolerance or K for ± 10% _ _ Lead style and packaging code, see lead style and packaging DIMENSIONS 0.1 1A Q1A104035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 34.2 0.04 0.15 1A Q1A154035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 27.0 0.04 0.22 1A Q1A224035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 20.7 0.04 0.33 1A Q1A334035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 16.2 0.04 0.47 1A Q1A474035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 12.6 0.04 0.68 1A Q1A684035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 9.0 0.04 1.0 1A Q1A105035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 7.2 0.04 1.5 1B Q1A155035(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 5.9 0.04 2.2 2C Q2C225035(*)_ _D 5.0 9.5 12.5 2.5 0.5 0.6 4.5 0.06 3.3 2D Q2D335035(*)_ _D 5.0 9.5 12.5 2.5 0.5 0.9 3.2 0.06 4.7 2E Q2E475035(*)_ _D 5.0 9.5 12.5 2.5 0.5 1.3 2.3 0.06 6.8 3F Q3F685035(*)_ _D 6.0 10.5 13.5 2.5 0.5 1.9 1.8 0.06 10.0 3G Q3G106035(*)_ _D 6.0 10.5 13.5 2.5 0.5 2.8 1.4 0.06 15.0 5J Q5J156035(*)_ _D 9.0 14.0 17.0 5.0 0.5 4.2 1.1 0.06 22.0 5L Q5L226035(*)_ _D 9.0 14.0 17.0 5.0 0.5 6.2 0.9 0.06 33.0 6M Q6M336035(*)_ _D 9.5 17.0 20.0 5.0 0.5 9.2 0.7 0.06 47.0 6P Q6P476035(*)_ _D 9.5 17.0 20.0 5.0 0.5 13.2 0.6 0.06 0.1 1A Q1A104050(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 34.2 0.04 0.15 1A Q1A154050(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 27.0 0.04 0.22 1A Q1A224050(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 20.7 0.04 0.33 1B Q1B334050(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 16.2 0.04 0.47 1B Q1B474050(*)_ _D 4.5 7.5 10.5 2.5 0.5 0.5 12.6 0.04 0.68 2C Q2C684050(*)_ _D 5.0 9.5 12.5 2.5 0.5 0.5 9.0 0.04 1.0 2D Q2D105050(*)_ _D 5.0 9.5 12.5 2.5 0.5 0.5 7.2 0.04 1.5 2E Q2E155050(*)_ _D 5.0 9.5 12.5 2.5 0.5 0.6 5.9 0.04 2.2 3F Q3F225050(*)_ _D 6.0 10.5 13.5 2.5 0.5 0.9 4.5 0.06 3.3 3G Q3G335050(*)_ _D 6.0 10.5 13.5 2.5 0.5 1.3 3.2 0.06 4.7 4H Q4H475050(*)_ _D 6.5 11.5 14.5 2.5 0.5 1.9 2.3 0.06 6.8 5J Q5J685050(*)_ _D 9.0 14.0 17.0 5.0 0.5 2.7 1.8 0.06 10.0 5L Q5L106050(*)_ _D 9.0 14.0 17.0 5.0 0.5 4.0 1.4 0.06 15.0 6M Q6M156050(*)_ _D 9.5 17.0 20.0 5.0 0.5 6.0 1.1 0.06 22.0 6P Q6P226050(*)_ _D 9.5 17.0 20.0 5.0 0.5 8.8 0.9 0.06 Resin-Coated, Radial-Leaded Tantalum Capacitors |
Description similaire - Q1B475010 |