Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS18LV02565APC-55 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce CS18LV02565APC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565APC-55 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  CS18LV02565APC-55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
4
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
PIN DESCRIPTIONS
Name
Type
Function
A0 – A14
Input
Address inputs for selecting one of the 32,768 x 8 bit words in the RAM
/CE
Input
/CE is active LOW. Chip enable must be active when data read from or write
to the device. If chip enable is not active, the device is deselected and in a
standby power mode. The DQ pins will be in high impedance state when the
device is deselected.
/WE
Input
The Write enable input is active LOW. It controls read and write operations.
With the chip selected, when /WE is HIGH and /OE is LOW, output data will
be present on the DQ pins, when /WE is LOW, the data present on the DQ
pins will be written into the selected memory location.
/OE
Input
The output enable input is active LOW. If the output enable is active while the
chip is selected and the write enable is inactive, data will be present on the
DQ pins and they will be enabled. The DQ pins will be in the high impedance
state when /OE is inactive.
DQ0~DQ7
I/O
These 8 bi-directional ports are used to read data from or write data into the
RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
/CE
/WE
/OE
DQ0~7
Vcc Current
Standby
H
X
X
High Z
ICCSB, ICCSB1
Output Disabled
L
H
H
High Z
ICC
Read
L
H
L
DOUT
ICC
Write
L
L
X
DIN
ICC


Numéro de pièce similaire - CS18LV02565APC-55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CC ETC1-CS18LV10245CC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CI ETC1-CS18LV10245CI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DC ETC1-CS18LV10245DC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DI ETC1-CS18LV10245DI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
More results

Description similaire - CS18LV02565APC-55

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com