Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358DMR2 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce LM358DMR2
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358DMR2 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button LM358DMR2 Datasheet HTML 5Page - ON Semiconductor LM358DMR2 Datasheet HTML 6Page - ON Semiconductor LM358DMR2 Datasheet HTML 7Page - ON Semiconductor LM358DMR2 Datasheet HTML 8Page - ON Semiconductor LM358DMR2 Datasheet HTML 9Page - ON Semiconductor LM358DMR2 Datasheet HTML 10Page - ON Semiconductor LM358DMR2 Datasheet HTML 11Page - ON Semiconductor LM358DMR2 Datasheet HTML 12Page - ON Semiconductor LM358DMR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
9
2
1
Vref =VCC
1
2
Figure 15. Function Generator
Figure 16. Multiple Feedback Bandpass Filter
For less than 10% error from operational amplifier.
If source impedance varies, filter may be preceded with voltage
follower buffer to stabilize filter parameters.
Where fo and BW are expressed in Hz.
Qo fo
BW
< 0.1
Given:
fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Then: R3 =
Q
π fo C
R3
R1 = 2 A(f
o)
R1 R3
4Q2 R1 -R3
R2 =
+
-
+
-
-
+
Vref =VCC
Vref
f =
R1 + RC
4 CRf R1
R3 =
R2 R1
R2 + R1
R2
300 k
75 k
R3
R1
C
Triangle Wave
Output
Square
Wave
Output
VCC
R3
R1
R2
Vref
Vin
C
C
VO
CO
CO = 10 C
Rf
if,
1/2
LM358
Vref
1/2
LM358
1/2
LM358
100 k


Numéro de pièce similaire - LM358DMR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM358DMR2 ONSEMI-LM358DMR2 Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Description similaire - LM358DMR2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com