Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM339AN Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LM339AN
Description  Quad Single Supply Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM339AN Fiches technique(HTML) 2 Page - ON Semiconductor

  LM339AN Datasheet HTML 1Page - ON Semiconductor LM339AN Datasheet HTML 2Page - ON Semiconductor LM339AN Datasheet HTML 3Page - ON Semiconductor LM339AN Datasheet HTML 4Page - ON Semiconductor LM339AN Datasheet HTML 5Page - ON Semiconductor LM339AN Datasheet HTML 6Page - ON Semiconductor LM339AN Datasheet HTML 7Page - ON Semiconductor LM339AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25°C, unless otherwise noted)
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
±1.0 ±2.0
±2.0 ±5.0
±2.0 ±7.0
±3.0 ±20
mVdc
Input Bias Current (Notes 4, 5)
IIB
25
250
25
250
25
250
25
500
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
±5.0 ±50
±5.0 ±50
±5.0 ±50
±3.0 ±100
nA
Input Common Mode Voltage
Range
VICMR
0
VCC
–1.5
0
VCC
–1.5
0
VCC
–1.5
0
VCC
–1.5
V
Supply Current
ICC
mA
RL = ∞ (For All Comparators)
0.8
2.0
0.8
2.0
0.8
2.0
0.8
2.0
RL = ∞, VCC = 30 Vdc
1.0
2.5
1.0
2.5
1.0
2.5
1.0
2.5
Voltage Gain
AVOL
50
200
50
200
25
100
25
100
V/mV
RL ≥ 15 kΩ, VCC = 15 Vdc
Large Signal Response Time
300
300
300
300
ns
VI = TTL Logic Swing,
Vref = 1.4 Vdc, VRL = 5.0 Vdc,
RL = 5.1 kΩ
Response Time (Note 6)
1.3
1.3
1.3
1.3
µs
VRL = 5.0 Vdc, RL = 5.1 kΩ
Output Sink Current
ISink
6.0
16
6.0
16
6.0
16
6.0
16
mA
VI (–) ≥ +1.0 Vdc, VI(+) = 0,
VO ≤ 1.5 Vdc
Saturation Voltage
Vsat
130
400
130
400
130
400
130
500
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
0.1
0.1
0.1
0.1
nA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = +5.0 Vdc
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 3])
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
±4.0
±9.0
±15
±40
mVdc
Input Bias Current (Notes 4, 5)
IIB
400
400
500
1000
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
±150
±150
±200
±300
nA
Input Common Mode Voltage
Range
VICMR
0
VCC
–2.0
0
VCC
–2.0
0
VCC
–2.0
0
VCC
–2.0
V
Saturation Voltage
Vsat
700
700
700
700
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
1.0
1.0
1.0
1.0
µA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
VCC
VCC
VCC
VCC
Vdc
All VI ≥ 0 Vdc
NOTES: 3. (LM239/239A) Tlow = –25°C, Thigh = +85°
(LM339/339A) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = –40°C, Thigh = +85°C
(LM2901) Tlow = –40°C, Thigh = +105°
(LM2901V) Tlow = –40°C, Thigh = +125°C
4. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 Ω 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range
(0 Vdc to VCC –1.5 Vdc).
5. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
6. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.


Numéro de pièce similaire - LM339AN

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM339AN MOTOROLA-LM339AN Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Texas Instruments
LM339AN TI1-LM339AN Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
National Semiconductor ...
LM339AN NSC-LM339AN Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM339AN TI1-LM339AN Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
NXP Semiconductors
LM339AN PHILIPS-LM339AN Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
More results

Description similaire - LM339AN

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com