Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTV230M Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce MTV230M
Description  8051 Embedded LCD Monitor Controller with Flash OSD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230M Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV230M Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MYSON
TECHNOLOGY
MTV230M
(Rev 1.0)
Revision 1.0
- 3 -
2000/11/15
PIN CONFIGURATION
A “CMOS pin” can be used as Input or Output mode. To use these pins as output mode, S/W needs to set
the corresponding output enable control bit “P
xxoe” to 1. Otherwise, the “Pxxoe” should clear to 0. In Output
mode, these pins can sink and drive at least 4mA current.
A “5V open drain pin” means it can sink at least 4mA current but no drive current to VDD. It can be used as
input or output function and needs an external pull up resistor.
A “8051 standard pin” is a pseudo open drain pin. It can sink at least 4mA current when output low level, and
drive at least 4mA current for 160nS when output transit from low to high, then keep drive 100uA to maintain
the pin at a high level. It can be used as input or output function. It needs an external pull up resistor when
driving heavy load device.
8051 Standard Pin
CMOS Pin (Output Mode)
P
xxoe = 1
2 OSC
period
delay
4mA
10uA
Output
Data
120uA
Pin
4mA
Input
Data
5V Open Drain Pin
No Current
4mA
Output
Data
Pin
Input
Data
4mA
4mA
Output
Data
Pin
Input
Data
CMOS Pin (Input Mode)
P
xxoe = 0
No Current
No Current
Pin
Input
Data


Numéro de pièce similaire - MTV230M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
More results

Description similaire - MTV230M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com