Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVCH16832 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
74ALVCH16832 Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 12 page Philips Semiconductors Product data 74ALVCH16832 7-bit to 28-bit address register/driver with 3-state outputs 2001 Dec 14 3 LOGIC DIAGRAM (POSITIVE LOGIC) SV01913 OE2 OE1 5 4 1Y1 2Y1 to 6 other channels 2 1 3Y1 4Y1 CLK DQ CLK A1 SEL 18 7 15 17 16 FUNCTION TABLE Inputs Output OE SEL CLK A Y H X X X Z L H X L L L H X H H L L ↑ L L L L ↑ H H ABSOLUTE MAXIMUM RATINGS Over recommended operating free-air temperature range (unless otherwise noted).1 SYMBOL PARAMETER CONDITIONS RATING UNIT VCC Supply voltage range –0.5 to +4.6 V VI Input voltage range See Note 2 –0.5 to +4.6 V VO Output voltage range See Notes 2 and 3 –0.5 to VCC +0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current "50 mA ICC, IGND Continuous current through each VCC or GND "100 mA ΘJA Package thermal impedance See Note 4 106 °C/W Tstg Storage temperature range –65 to +150 °C NOTES: 1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. 3. This value is limited to 4.6 V maximum. 4. The package thermal impedance is calculated in accordance with JESD 51. |
Numéro de pièce similaire - 74ALVCH16832 |
|
Description similaire - 74ALVCH16832 |