Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPXHZ6400A Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MPXHZ6400A
Description  Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6400A Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXHZ6400A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXHZ6400A
Rev 0, 08/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Media Resistant and
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Freescale MPXHZ6400A series sensor integrates on-chip, bipolar op
amp circuitry and thin film resistor networks to provide a high output signal and
temperature compensation. The small form factor and high reliability of on-chip
integration make the Freescale pressure sensor a logical and economical choice
for the system designer.
The MPXHZ6400A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output signal
that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a
pressure sensor chip.
Features
Improved Accuracy at High Temperature
Available in Small and Super Small Outline Packages
1.5% Maximum Error over 0
° to 85°C
Ideally suited for Microprocessor or Microcontroller-Based Systems
Temperature Compensated from –40
° to +125°C
Durable Thermoplastic (PPS) Surface Mount Package
Typical Applications
Industrial Controls
Engine Control/Liquified Petroleum Gas (LPG)
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
Ported
Element
Absolute, Axial
Port
1317A MPXHZ6400AC6T1 Tape & Reel MPXHZ6400A
MPXHZ6400A
INTEGRATED
PRESSURE SENSOR
20 TO 400 kPA (3.0 TO 58 psi)
0.2 TO 4.8 V OUTPUT
(3.0 TO 58 psi)
PIN NUMBERS(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
SUPER SMALL OUTLINE PACKAGE
MPXHZ6400AC6T1
CASE 1317A-03


Numéro de pièce similaire - MPXHZ6400A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MPXHZ6400A6T1 NXP-MPXHZ6400A6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
logo
Freescale Semiconductor...
MPXHZ6400AC6T1 FREESCALE-MPXHZ6400AC6T1 Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6400AC6T1 NXP-MPXHZ6400AC6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
More results

Description similaire - MPXHZ6400A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MPXAZ6115A MOTOROLA-MPXAZ6115A Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXAZ6115A FREESCALE-MPXAZ6115A Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
228Kb / 8P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6130A FREESCALE-MPXHZ6130A_10 Datasheet
186Kb / 11P
   Media Resistant and High Silicon Pressure Sensor for Measuring Absolute Pressure
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com