Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA278R12CTU Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce KA278R12CTU
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R12CTU Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button KA278R12CTU Datasheet HTML 3Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 4Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 5Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 6Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 7Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 8Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 9Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 10Page - Fairchild Semiconductor KA278R12CTU Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
KA278RXXC-SERIES
7
Typical Performance Characteristics (Continued)
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
15
10
5
20
0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
0
40
6.0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
0
40
6.0
01
23456
3.50
3.75
4.00
4.25
4.50
4.75
Input-output differential voltage Vin-Vo (V)
Figure 7. Power Dissipation vs. Temperature(Tj)
Figure 8. Overcurrent Protection Characteristics
(Typical Value)
Figure 9. Output Peak Currenrt vs.
Input-Output Differential Voltage


Numéro de pièce similaire - KA278R12CTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA278R12CTU FAIRCHILD-KA278R12CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278R12CTU ONSEMI-KA278R12CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
More results

Description similaire - KA278R12CTU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com