Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N200-015-WH Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce N200-015-WH
Description  Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 15 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N200-015-WH Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N200-015-WH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N200-015-WH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N200-015-WH Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Token Ring Type 3 and EIA/TIA applications
Recommended for home or office applications
q
Provides high-speed connections up to 550 MHz/1 Gbps
q
Flawless signal delivery with minimal near-end crosstalk levels
q
Premium Construction Ensures Error-Free Signal Transfer
Manufactured from 24 AWG 4-pair stranded UTP with staggered-pin plug design
q
Molded RJ45 connectors and gold-plated copper contacts for maximum conductivity and minimum data
loss
q
Integral strain relief protects cable and connectors from stress and cracking
q
Meets most current industry standards, including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568,
ISO/IEC 11801 and ETL (category 6 draft 11)
q
OVERVIEW
UPC Code
037332201959
INPUT
Cable Length (ft.)
15
Cable Length (m)
4.6
Cable Length (in.)
180
Cable Length (cm)
457.2
PHYSICAL
Wire Gauge (AWG)
24
Shipping Dimensions (hwd / in.)
10.00 x 8.00 x 0.50
Shipping Dimensions (hwd / cm)
25.40 x 20.32 x 1.27
Shipping Weight (lbs.)
0.42
Shipping Weight (kg)
0.19
Color
White
Wire Type
Stranded
Snagless Connector
No
Cable Shielding
UTP
COMMUNICATIONS
Network Speed
1Gbps
2 / 3


Numéro de pièce similaire - N200-015-WH

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N200-015-BK TRIPPLITE-N200-015-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 15 ft.
N200-015-BL TRIPPLITE-N200-015-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 15 ft.
N200-015-GN TRIPPLITE-N200-015-GN Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 15 ft.
N200-015-GY TRIPPLITE-N200-015-GY Datasheet
166Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Gray, 15 ft.
N200-015-OR TRIPPLITE-N200-015-OR Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Orange, 15 ft.
More results

Description similaire - N200-015-WH

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N200-006-WH TRIPPLITE-N200-006-WH Datasheet
162Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 6 ft.
N200-001-WH TRIPPLITE-N200-001-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable,24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 1 ft.
N200-020-WH TRIPPLITE-N200-020-WH Datasheet
162Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 20 ft.
N200-015-RD TRIPPLITE-N200-015-RD Datasheet
171Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Red, 15 ft.
N200-025-WH TRIPPLITE-N200-025-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 25 ft.
N200-100-WH TRIPPLITE-N200-100-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 100 ft.
N200-002-WH TRIPPLITE-N200-002-WH Datasheet
163Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 2 ft.
N200-010-WH TRIPPLITE-N200-010-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 10 ft.
N200-007-WH TRIPPLITE-N200-007-WH Datasheet
164Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), White, 7 ft.
N200-015-GN TRIPPLITE-N200-015-GN Datasheet
170Kb / 3P
   Premium Cat5/5e/6 Gigabit Molded Patch Cable, 24 AWG, 550 MHz/1 Gbps (RJ45 M/M), Green, 15 ft.
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com