Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2410 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS2410
Description  Full Featured N1 and ORing Power Rail Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2410 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2410_V01 Datasheet HTML 1Page - Texas Instruments TPS2410_V01 Datasheet HTML 2Page - Texas Instruments TPS2410_V01 Datasheet HTML 3Page - Texas Instruments TPS2410_V01 Datasheet HTML 4Page - Texas Instruments TPS2410_V01 Datasheet HTML 5Page - Texas Instruments TPS2410_V01 Datasheet HTML 6Page - Texas Instruments TPS2410_V01 Datasheet HTML 7Page - Texas Instruments TPS2410_V01 Datasheet HTML 8Page - Texas Instruments TPS2410_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS: TPS2410/11
(1) (2) (3) (4) (5) (6) (7)
TPS2410
TPS2411
www.ti.com .................................................................................................................................................. SLVS727C – NOVEMBER 2006 – REVISED JUNE 2009
voltages are referenced to GND (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD = V(C)
(1)
3
16.5
A, C
Input voltage range TPS2410
V
3
≤ VDD ≤ 16.5 V
0.8
16.5
A to C
Operating voltage(2)
5
V
OV, UV
Voltage range
0
5.25
V
STAT, PG, FLTB
Continuous sinking current
6.8
mA
R(RSET)
Resistance range(3)
1.5
k
C(FLTR)
Capacitance Range(3)
0
1000
pF
C(BYP)
Capacitance Range(3) (4)
800
2200
10k
pF
TJ
Operating junction temperature
–40
125
°C
TA
Operating free-air temperature
–40
85
°C
(1)
VDD must exceed 3 V to meet GATE drive specifications
(2)
See the section "Bidirectional Blocking and Protection of C."
(3)
Voltage should not be applied to these pins.
(4)
Capacitors should be X7R, 20% or better
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(A), V(C), VDD
VDD rising
2.25
2.5
VDD UVLO
V
Hysteresis
0.25
| I(A) |, Gate in active range
0.66
1
A current
mA
| I(A) |, Gate saturated high
0.1
C current
| I(C) |, VAC ≤ 0.1 V
10
µA
Worst case, gate in active range
4.25
6
VDD current
mA
Gate saturated high
1.2
UV / OV / PG
UV threshold voltage
V(UV) rising, V(OV) = 0 V, PG goes high
0.583
0.6
0.615
V
OV threshold voltage
V(OV) rising, V(UV) = 1 V, PG goes low
0.583
0.6
0.615
V
Response time
50-mV overdrive
0.3
0.6
µs
Hysteresis
V(UV) and V(OV)
7
mV
PG sink current
V(UV) = 0 V, V(OV) = 0 V, V(PG) = 0.4 V
4
mA
UV / OV leakage current (source or sink)
1
µA
PG leakage current (source or sink)
V(UV) = 1 V, V(OV) = 0 V, 0 ≤ V(PG) ≤ 5 V
1
µA
FLTB
Sink current
V(FLTB) = 0.4 V, V(GATE-)A = 0 V, V(A-C) = 0.1 V
4
mA
V(A) = V(C) + 20 mV, V(GATE-A) falling until FLTB
V(GATE-A) fault threshold
0.5
0.78
1
V
switches low
V(A-C) = 0.1 V, increase V(A-C) until FLTB switches
V(A-C) fault threshold
0.325
0.425
0.525
V
low
Deglitch on assertion
3.4
ms
Leakage current (source or sink)
1
µA
(1)
[3 V
≤ V(A) ≤ 18 V, V(C) = VDD] or [0.8 V ≤ V(A) ≤ 3 V, 3 V ≤ VDD ≤ 18 V]
(2)
C(FLTR) = open, C(BYP) = 2200 pF, R(RSET) = open, STAT = open, FLT = open
(3)
UV = 1 V, OV = GND
(4)
–40°C
≤ TJ ≤ 125°C
(5)
Positive currents are into pins
(6)
Typical values are at 25°C
(7)
All voltages are with respect to GND.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2410 TPS2411


Numéro de pièce similaire - TPS2410_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
More results

Description similaire - TPS2410_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com