Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5620CRM-2 Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD5620CRM-2
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5620CRM-2 Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD5620CRM-2 Datasheet HTML 15Page - Analog Devices AD5620CRM-2 Datasheet HTML 16Page - Analog Devices AD5620CRM-2 Datasheet HTML 17Page - Analog Devices AD5620CRM-2 Datasheet HTML 18Page - Analog Devices AD5620CRM-2 Datasheet HTML 19Page - Analog Devices AD5620CRM-2 Datasheet HTML 20Page - Analog Devices AD5620CRM-2 Datasheet HTML 21Page - Analog Devices AD5620CRM-2 Datasheet HTML 22Page - Analog Devices AD5620CRM-2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5620/AD5640/AD5660
Rev. A | Page 19 of 24
POWER-ON RESET
The AD5620/AD5640/AD5660 family contains a power-on
reset circuit that controls the output voltage during power-up.
The AD5620/AD5640/AD5660-1-2 DAC output powers up to
0 V, and the AD5620/AD5660-3 DAC output powers up to
midscale. The output remains at this level until a valid write
sequence is made to the DAC, which is useful in applications
where it is important to know the state of the DAC output while
it is in the process of powering up.
POWER-DOWN MODES
The AD5620/AD5640/AD5660 have four separate modes of
operation. These modes are software-programmable by setting
two bits in the control register. Table 6 and Table 7 show how
the state of the bits corresponds to the operating mode of the
device.
Table 6. Modes of Operation for the AD5660
DB17
DB16
AD5660 Operating Mode
0
0
Normal operation
Power-down modes:
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
Table 7. Modes of Operation for the AD5620/AD5640
DB15
DB14
AD5620/AD5640 Operating Mode
0
0
Normal operation
Power-down modes:
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
When both bits are set to 0, the part works normally with its
normal power consumption of 550 μA at 5 V. However, for the
three power-down modes, the supply current falls to 480 nA
at 5 V (200 nA at 3 V). Not only does the supply current fall,
but the output stage is internally switched from the output of
the amplifier to a resistor network of known values. The
advantage is that the output impedance of the part is known
while the part is in power-down mode. There are three options:
the output is connected internally to GND through a
1 kΩ or a 100 kΩ resistor, or it is left open-circuited (three-
stated). The output stage is shown in Figure 44.
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 44. Output Stage During Power-Down
The bias generator, output amplifier, reference, resistor string,
and other associated linear circuitry are all shut down when
power-down mode is activated. However, the contents of the
DAC register are unaffected when in power-down. The time to
exit power-down is typically 5 μs for VDD = 5 V and VDD = 3 V.
See Figure 23.
MICROPROCESSOR INTERFACING
AD5660-to-Blackfin® ADSP-BF53x Interface
Figure 45 shows a serial interface between the AD5660 and the
Blackfin ADSP-BF53x microprocessor. The ADSP-BF53x
processor family incorporates two dual-channel synchronous
serial ports, SPORT1 and SPORT0, for serial and multi-
processor communications. Using SPORT0 to connect to the
AD5660, the setup for the interface is as follows: DT0PRI drives
the DIN pin of the AD5660, while TSCLK0 drives the SCLK of
the part and SYNC is driven from TFS0.
AD56601
1 ADDITIONAL PINS OMITTED FOR CLARITY
TFS0
DTOPRI
TSCLK0
SYNC
DIN
SCLK
ADSP-BF53x1
Figure 45. AD5660-to-Blackfin ADSP-BF53x Interface


Numéro de pièce similaire - AD5620CRM-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5620CRM-2 AD-AD5620CRM-2 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620CRM-2REEL7 AD-AD5620CRM-2REEL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
More results

Description similaire - AD5620CRM-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com