Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF441C Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LF441C
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441C Fiches technique(HTML) 5 Page - ON Semiconductor

  LF441C Datasheet HTML 1Page - ON Semiconductor LF441C Datasheet HTML 2Page - ON Semiconductor LF441C Datasheet HTML 3Page - ON Semiconductor LF441C Datasheet HTML 4Page - ON Semiconductor LF441C Datasheet HTML 5Page - ON Semiconductor LF441C Datasheet HTML 6Page - ON Semiconductor LF441C Datasheet HTML 7Page - ON Semiconductor LF441C Datasheet HTML 8Page - ON Semiconductor LF441C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LF441C LF442C LF444C
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Normalized Gain Bandwidth
Product versus Temperature
Figure 12. Open Loop Voltage Gain and
Phase versus Frequency
TA, AMBIENT TEMPERATURE (°C)
f, FREQUENCY (MHz)
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 100 pF
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
20
10
0
–10
–20
0.1
1.0
10
90
135
180
225
270
–75
–50
–25
0
25
50
75
100
125
Phase
Gain
Figure 13. Slew Rate versus Temperature
Figure 14. Total Output Distortion
versus Frequency
Figure 15. Output Voltage Swing
versus Frequency
Figure 16. Open Loop Voltage
Gain versus Frequency
TA, AMBIENT TEMPERATURE (°C)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
8.0
7.0
6.0
5.0
4.0
–75
–50
–25
0
25
50
75
100
125
30
20
10
0
1.0 k
10 k
100 k
1.0 M
100
80
60
40
20
0
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
2.5
2.0
1.5
1.0
0.5
0
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
VCC = +15 V
VEE = –15 V
TA = 25°C
AV = 10
AV = 100
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
AV = +1.0
1% THD
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C


Numéro de pièce similaire - LF441C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LF441CM TI1-LF441CM Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
LF441CN TI1-LF441CN Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
More results

Description similaire - LF441C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com