Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7921DN-T1-E3 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI7921DN-T1-E3
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7921DN-T1-E3 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI7921DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number: 72341
S-51210–Rev. B, 27-Jun-05
Vishay Siliconix
Si7921DN
New Product
TYPICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted
Threshold Voltage
–0.4
–0.2
0.0
0.2
0.4
0.6
–50
–25
0
25
50
75
100
125
150
ID = 250 µA
TJ – Temperature (˚C)
Single Pulse Power, Juncion-To-Ambient
0
20
30
10
15
Time (sec)
25
100
600
0.1
0.001
1
10
0.01
5
Safe Operating Area, Junction-To-Ambient
VDS – Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25˚C
Single Pulse
0.1
ID(on)
Limited
BVDSS Limited
P(t) = 10
P(t) = 1
P(t) = 0.1
dc
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
rDS(on) Limited
IDM Limited
Normalized Thermal Transient Impedance, Junction-to-Ambient
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75˚C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Numéro de pièce similaire - SI7921DN-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7922DN VISHAY-SI7922DN Datasheet
240Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
SI7922DN VISHAY-SI7922DN Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
541Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7922DN-T1 VISHAY-SI7922DN-T1 Datasheet
549Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. E, 07-Jul-08
More results

Description similaire - SI7921DN-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com