Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3301-X Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LD3301-X
Description  1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

LD3301-X Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LD3301-X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LD3301-X
1 and 2-Channel
5V or 3.3V GMR Head Preamplifier
LDIC Confidential
1
version 1.6.2
DESCRIPTION
The LD3301-1, LD3301-2 are BiCMOS devices that
support a 1-channel (2-channel) GMR Preamplifier.
They are designed for use with 4-terminal magneto-
resistive recording heads, providing a low noise
GMR head amplifier, GMR bias current control, thin
film write driver, write current control, thermal
asperity detection and correction. Fast recovery mode
can be also programmed to put the chip faster in read
mode from any other existing modes. The device is
programmable for read gain, GMR resistance
measurement, and thermal asperity threshold level.
The device allows multiple channel write functions
for servo writing. Half or all of the heads can be
simultaneously selected in the servo write mode.
Features and thresholds are controlled through a
serial port interface. This product requires +3.3V or
+5V supply voltage. Available in flip-chip or TSSOP
packages.
FEATURES
Current Bias/Current Sense Architecture
+5V or +3.3V Supply
3.3V CMOS compatible Logic Interface
Power Management
Integrated reference resistor
Single ended input to reader with one side
grounded externally
Differential read output
GMR resistor range: 25
Ω to 65Ω
Programmable 5 bit GMR head bias current:
Ib = 2mA-9.75mA
Programmable gain control: 130V/V & 200V/V
@ Rmr = 35
Ω, Ib = 6mA
Wide bandwidth:
BW = 250 MHz at -1dB @ Rmr = 35
Programmable booster for wide bandwidth
Equivalent input noise: Vn = 0.8nV/
√Hz
@ Rmr = 35
Impedance matched differential inputs for WDX
and WDY
Programmable 5 bit write head current:
Iw = 15 mA to 60 mA
Servo Bank Write Mode
Rise/Fall Time: 1ns@5V / 2ns@3.3V Typical
(Iw = 40mA (0-p), Ltf = 50nH, Rtf = 15
Ω)
Fast recovery times: W/R = 200ns @ 5V supply,
W/R= 400ns @ 3.3V supply
Programmable write current overshoot control
Read fault and Write fault detection
Rmr value measurement mode
GMR Head Open/Short and TF Head Protection
Programmable (7 bits) thermal asperity detection
threshold control and programmable thermal
asperity compensation
Serial port read back capability
GMR ESD protection diodes on reader
Internal capacitor
SERIAL PORT
AND DATA
REGISTER
MODE
CONTROL
POWER
MANAGEMENT
LOW VOLTAGE
FAULT
READ
OUTPUT
BUFFER
PECL
INPUT
BUFFER
SDEN
SCLK
SDATA
RBW
MRRB
RDX
RDY
WDX
WDY
HEAD
SELECT
MR BIAS
CURRENT
5-BIT DAC
WRITE
CURRENT
5-BIT DAC
TA DETECTION
THRESHOLD
7-BIT DAC
THERMAL
ASPERITY
DETECTION AND
CORRECTION
RREF
RGND
READ BIAS
CONTROL
DUMMY HEAD
PREAMPS AND
WRITE
DRIVERS
VCC
W0X
W0Y
R0
MRGND
HEAD
VOLTAGE
MEASUREMENT
HEAD UNSAFE
DETECT
FLT
2K
GND


Numéro de pièce similaire - LD3301-X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD33CV STMICROELECTRONICS-LD33CV Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD33CV UTC-LD33CV Datasheet
344Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD33CV UTC-LD33CV Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD33CV STMICROELECTRONICS-LD33CV Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD33CV STMICROELECTRONICS-LD33CV Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
More results

Description similaire - LD3301-X

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
   6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
National Semiconductor ...
DPC2020R NSC-DPC2020R Datasheet
501Kb / 10P
   Thin-Film or MIG Head Read/Write Preamplifier
February 1994
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
   2-Channel Preamplifier
August 2014 - Rev. 0
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
   Guitar or/and Bass Preamplifier
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com