Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC876748A Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC876748A
Description  8-Bit Single Chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876748A Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC876748A Datasheet HTML 1Page - Sanyo Semicon Device LC876748A Datasheet HTML 2Page - Sanyo Semicon Device LC876748A Datasheet HTML 3Page - Sanyo Semicon Device LC876748A Datasheet HTML 4Page - Sanyo Semicon Device LC876748A Datasheet HTML 5Page - Sanyo Semicon Device LC876748A Datasheet HTML 6Page - Sanyo Semicon Device LC876748A Datasheet HTML 7Page - Sanyo Semicon Device LC876748A Datasheet HTML 8Page - Sanyo Semicon Device LC876748A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CMOS IC
Under Development
Ver:1.01
80901
SYSTEM-BIZ Div. S. Kubota
1/26
8-Bit Single Chip Microcontroller
LC876764A/48A
LC876764A
8 bit Single Chip Microcontroller incorporating 64KB ROM and 1536 byte RAM on chip
LC876748A
8 bit Single Chip Microcontroller incorporating 48KB ROM and 1536 byte RAM on chip
Overview
The LC876764A/LC876748A are 8 bit single chip microcomputers with the following on-chip functional
blocks:
- CPU: operable at a minimum bus cycle time of 100ns
- On-chip ROM Maximum Capacity :
LC876764A
64K bytes
LC876748A
48K bytes
- On-chip RAM: 1536 bytes
- VFD automatic display controller / driver
- 16 bit timer / counter (can be divided into two 8 bit timers)
- 16 bit timer / PWM (can be divided into two 8 bit timers)
- four 8 bit timer with prescaler
- timer for use as date / time clock
- High speed clock counter
- System clock divider function
- synchronous serial I/O port (with automatic block transmit / receive function)
- asynchronous / synchronous serial I/O port
- 14-channel × 8-bit AD converter
- Weak signal detector
- 21-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.


Numéro de pièce similaire - LC876748A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC876748C SANYO-LC876748C Datasheet
328Kb / 23P
   CMOS LSI 8 BIT 1 CHIP MICROCOMPUTER
More results

Description similaire - LC876748A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com