Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VLMRGB6112-00-GS08 Datasheet(Fiches technique) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numéro de pièce VLMRGB6112-00-GS08
Description  Multi SMD LED RGB
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo 

VLMRGB6112-00-GS08 Datasheet(HTML) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VLMRGB6112..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 12-Apr-17
7
Document Number: 84342
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPING DIMENSIONS in millimeters
SOLDERING PROFILE
Fig. 10 - Vishay Lead (Pb)-free Reflow Soldering Profile
According to J-STD-020
Drawing-No.: 9.800-5136.01-4
Issue: 1; 16.09.15
Technical drawings
according to DIN
specifications
Leader and trailer tape:
Reel
11 ± 0.5
Tape position coming out from reel
Label posted here
Unreel direction
Ø 13
+ 0.5
- 0.2
8.4
+ 2
0
Parts mounted
Empty (400 mm min.)
Empty (160 mm min.)
Direction of pulling out
X 2 : 1
2 ± 0.05
4 ± 0.1
4 ± 0.1
2.08 ± 0.1
Ø 1.5
+ 0.1
0
Cathode
2000 pieces per reel
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19470-4
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2
max. 2 cycles allowed


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn