Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLMR31Q2T1-GS08 Fiches technique(PDF) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce VLMR31Q2T1-GS08
Description  High Intensity SMD LED PLCC-2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMR31Q2T1-GS08 Fiches technique(HTML) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMR31Q2T1-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMR31Q2T1-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VLMR31..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-Aug-15
6
Document Number: 82419
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BAR CODE PRODUCT LABEL (example)
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: J1 = code for luminous intensity group
3 = code for color group
D) Date code year / week
E) Day code (e.g. 1: Monday)
F) Batch no.
G) Total quantity
H) Company code
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box. A secondary
cardboard box is used for shipping purposes.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are
not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 672 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to
the former condition by drying under the following condition:
192 h at 40 °C + 5 °C / - 0 °C and < 5 % RH (dry air /
nitrogen)
or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
or
24 h at 100 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC standard JESD22-A112 level 2a label is
included on all dry bags.
Example of JESD22-A112 level 2a label
ESD PRECAUTION
Proper storage and handling procedures should be followed
to prevent ESD damage to the devices especially when they
are removed from the antistatic shielding bag. Electrostatic
sensitive devices warning labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD BAR
CODE LABELS
The Vishay Semiconductors standard bar code labels are
printed at final packing areas. The labels are on each
packing unit and contain Vishay Semiconductors specific
data.
106
37
VISHAY
A
H
BC
D
E
F
G
20126
Aluminum bag
Label
Reel
15973
L E V E L
CAUTION
This bag contains
MOISTURE SENSITIVE DEVICES
1. Shelf life in sealed bag 12 months at <40°C and < 90% relative humidity (RH)
2. After this bag is opened devices that will be subjected to infrared reflow,
vapor-phase reflow, or equivalent processing (peak package body temp.
260°C) must be:
a)
Mounted within 672 hours at factory condition of < 30°C/60%RH or
b)
Stored at <10% RH.
3. Devices require baking before mounting if:
a)
Humidity Indicator Card is >10% when read at 23°C + 5°C or
b)
2a or 2b is not met.
4. If baking is required, devices may be baked for:
192 hours at 40°C + 5°C/-0°C and <5%RH (dry air/nitrogen)
or
96 hours at 60±5oCand <5%RH
For all device containers
or
24 hours at 100±5°C
Not suitable for reels or tubes
Bag Seal Date: ______________________________
(If blank, see bar code label)
Note: LEVEL defined by EIA JEDEC Standard JESD22-A113
2a
19786


Numéro de pièce similaire - VLMR31Q2T1-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VLMR31Q2T1-GS08 VISHAY-VLMR31Q2T1-GS08 Datasheet
173Kb / 7P
   High Intensity SMD LED PLCC-2
Rev. 1.2, 03-Aug-15
VLMR31Q2T1-GS08 VISHAY-VLMR31Q2T1-GS08 Datasheet
229Kb / 7P
   High Intensity SMD LED PLCC-2
01-Jan-2023
More results

Description similaire - VLMR31Q2T1-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VLME3100 VISHAY-VLME3100 Datasheet
176Kb / 8P
   High Intensity SMD LED PLCC-2
Rev. 1.4, 31-Jul-15
VLMR31 VISHAY-VLMR31 Datasheet
173Kb / 7P
   High Intensity SMD LED PLCC-2
Rev. 1.2, 03-Aug-15
VLMF31 VISHAY-VLMF31_V01 Datasheet
231Kb / 7P
   High Intensity SMD LED PLCC-2
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLME3100 TO-GRACE-VLME3100 Datasheet
690Kb / 8P
   High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLME310 VISHAY-VLME310 Datasheet
204Kb / 8P
   High Intensity SMD LED PLCC-2
VLMS31 VISHAY-VLMS31 Datasheet
175Kb / 8P
   High Intensity SMD LED PLCC-2
Revision: 1.5, 03-Aug-15
VLME310 VISHAY-VLME310_V01 Datasheet
233Kb / 8P
   High Intensity SMD LED PLCC-2
01-Jan-2022
VLMR31 VISHAY-VLMR31_V01 Datasheet
230Kb / 7P
   High Intensity SMD LED PLCC-2
01-Jan-2022
VLMF31Q2T1 VISHAY-VLMF31Q2T1 Datasheet
227Kb / 7P
   High Intensity SMD LED PLCC-2
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLMF31Q2T1-GS08 TO-GRACE-VLMF31Q2T1-GS08 Datasheet
645Kb / 7P
   High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLMR31 VISHAY-VLMR31_V02 Datasheet
229Kb / 7P
   High Intensity SMD LED PLCC-2
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com