Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLMK33Q2T1-GS08 Fiches technique(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce VLMK33Q2T1-GS08
Description  Power SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMK33Q2T1-GS08 Fiches technique(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMK33Q2T1-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK33Q2T1-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VLMK33..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 07-Mar-18
3
Document Number: 81350
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Luminous Intensity vs. Angular Displacement
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Change of Dominant Wavelength vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
16784
R
thJA = 400 K/W
Tamb - Ambient Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp - Pulse Length (s)
10-5 10-4 10-3 10-2 10-1 100
101
102
t
p/T = 0.005
0.05
0.5
17044
0.4
0.2
0
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
570
590
610
630
650
670
λ- Wavelength (nm)
Amber
VF - Forward Voltage (V)
1
10
100
1.0
1.5
2.0
2.5
3.0
3.5
Amber
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
Amber


Numéro de pièce similaire - VLMK33Q2T1-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
   Power SMD LED in PLCC-2 Package
Rev. 1.1, 13-Sep-07
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
153Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.9, 03-Aug-15
More results

Description similaire - VLMK33Q2T1-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
   Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2023
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
   Power SMD LED PLCC-2
01-Jan-2022
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 07-Mar-17
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
   Power SMD LED PLCC-2
Rev. 1.1, 30-Apr-13
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
   Power SMD LED PLCC-2
01-Jan-2022
VLMPG33N VISHAY-VLMPG33N Datasheet
222Kb / 8P
   Power SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com