Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FP-14DA Datasheet(Fiches technique) 2 Page - Hitachi Semiconductor

Numéro de pièce FP-14DA
Description  Hex Schmitt-trigger Inverters
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

FP-14DA Datasheet(HTML) 2 Page - Hitachi Semiconductor

  FP-14DA Datenblatt HTML 1Page - Hitachi Semiconductor FP-14DA Datasheet HTML 2Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 3Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 4Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 5Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 6Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 7Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC14
2
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Threshold voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.3
0.3
V
4.5
0.9
0.9
6.0
1.2
1.2
Hysteresis voltage V
H
2.0
0.2
1.2
0.2
1.2
V
4.5
0.4
2.25 0.4
2.25
6.0
0.6
3.0
0.6
3.0
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –4 mA
6.0
5.68 —
5.63
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
1.0
10
µA
Vin = V
CC or GND, Iout = 0 µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC41AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LV14AHex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN5414HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN74LS14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LVC14Hex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN54AHC14HEX SCHMITT-TRIGGER INVERTERS 1 2 Texas Instruments

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn